Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KF3006-GM50A Datasheet(PDF) 3 Page - Rohm

Part No. KF3006-GM50A
Description  Thick film thermal printhead (with thermal historical control)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

KF3006-GM50A Datasheet(HTML) 3 Page - Rohm

  KF3006-GM50A Datasheet HTML 1Page - Rohm KF3006-GM50A Datasheet HTML 2Page - Rohm KF3006-GM50A Datasheet HTML 3Page - Rohm KF3006-GM50A Datasheet HTML 4Page - Rohm KF3006-GM50A Datasheet HTML 5Page - Rohm KF3006-GM50A Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KF3006-GM50A
Printhead
!
!
!
!
Equivalent circuit
VH(COM)
LATCH REGISTER
THERMISTOR
30k
Ω B : 3950
TO EACH IC
DI,STB DIVISION DOT No. CORRESPONDENCE
Fig.1
GND
VDD(+5)
/ RESET
CLKIN4
CLKOUT4
DI4
DO4
CLKIN3
CLKOUT3
DI3
DO3
CLKIN2
CLKOUT2
DI2
DO2
CLKIN1
DI1
DO1
/ LOAD
/ STB3
/ STB1
START
INC
SEL2
TM
SEL1
TM
/ STB4
/ STB2
DOT #1920
DOT #1
DI No.
DI4
1920~1409
1408~ 879
896~ 513
512~
1
DI3
DOT No.
/ STB No.
/ STB4
1920~1409
1408~ 897
896~ 513
512~
1
/ STB3
DOT No.
CLK No.
CLKIN2
1920~1409
1408~ 897
896~ 513
512~
1
CLKIN1
DI2
DI1
/ STB2
/ STB1
CLKIN2
CLKIN1
DOT No.
200
µF
35V
0.1
µF
50V


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn