Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KF3004-GM50A Datasheet(PDF) 2 Page - Rohm

Part No. KF3004-GM50A
Description  Thick film thermal printhead (with thermal historical control)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

KF3004-GM50A Datasheet(HTML) 2 Page - Rohm

  KF3004-GM50A Datasheet HTML 1Page - Rohm KF3004-GM50A Datasheet HTML 2Page - Rohm KF3004-GM50A Datasheet HTML 3Page - Rohm KF3004-GM50A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KF3004-GM50A
Printhead
!
!
!
!
Equivalent circuit
VH(COM)
LATCH REGISTER
THERMISTOR
30k
Ω B : 3950
TO EACH IC
DI,STB DIVISION DOT No. CORRESPONDENCE
Fig.1
GND
VDD(+5)
/ RESET
CLKIN2
DI1
DO1
CLKOUT2
DI2
CLKIN1
DO2
/ LOAD
/ STB2
/ STB1
START
INC
SEL2
TM
SEL1
TM
DOT #1280
DOT #1
DI No.
DI2
1280~641
640~
1
DI1
DOT No.
/ STB No.
/ STB2
1280~641
640~
1
/ STB1
DOT No.
CLK No.
CLKIN2
1280~641
640~
1
CLKIN1
DOT No.
100
µF×2
35V
0.1
µF
50V
!
!
!
!
Pin assignments
1VDD
VDD
SEL2
SEL1
CLKIN2 (CP)
NC
DI2
DI1
INC
/ LOAD
/ RESET
START
DO1
DO2
TM
TM
/ STB2
/ STB1
CLKOUT2
CLKIN1
2
3
4
5
6
7
8
9
10
18
19
20
11
12
13
14
15
16
17
Circuit
No.
1VH (COM)
VH (COM)
VH (COM)
GND
GND
GND
2
3
4
5
6
Circuit
No.
No.
Circuit
CONNECTOR B
CONNECTOR A


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn