Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KF3004-GM50A Datasheet(PDF) 1 Page - Rohm

Part No. KF3004-GM50A
Description  Thick film thermal printhead (with thermal historical control)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KF3004-GM50A Datasheet(HTML) 1 Page - Rohm

  KF3004-GM50A Datasheet HTML 1Page - Rohm KF3004-GM50A Datasheet HTML 2Page - Rohm KF3004-GM50A Datasheet HTML 3Page - Rohm KF3004-GM50A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KF3004-GM50A
Printhead
Thick film thermal printhead
(with thermal historical control)
KF3004-GM50A
GM50 series is the new product that newly added the future history control and driver LSI which has the function of
thermal historical control, to GL50 series which is employing the conventional thick-film fast response thermal element.
!
!
!
!
Applications
High speed label printer
High speed bar code printer
High speed ticket printer
Various high speed terminal printers
!
!
!
!
Features
1) Newly developed thick-film fast response thermal element and driver LSI with the function of thermal history control
which is added the future history control are employed for this series. It is possible to print with super high speed of 10
inches / s or 250 mm / s.
2) 150km life realized by attributing durable new protection film.
3) New partial glaze construction makes it compatible with the thermal transfer application.
4) Market-proven G-series printhead construction ensures high reliability.
!
!
!
!
External dimensions (Units : mm)
Max.12
40
±0.3
Max.5.5
(5)
6.1±0.4
15±0.3
14.208±0.2
80±0.3
95±0.3
118
Dot #1
(4.792)
Dot #1280
108.416(Effective Print Width)
LABEL
3-M3(Effective Depth 3)
φ3H10 (Effective Depth 3)
φ3H10 Length 4 (Effective Depth 3)
(19)
#1
#6
#20
#19
CONNECTOR B
#1
#2
CONNECTOR A


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn