Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLWW9900 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLWW9900
Description  TELUX LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWW9900 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLWW9900 Datasheet HTML 1Page - Vishay Siliconix TLWW9900 Datasheet HTML 2Page - Vishay Siliconix TLWW9900 Datasheet HTML 3Page - Vishay Siliconix TLWW9900 Datasheet HTML 4Page - Vishay Siliconix TLWW9900 Datasheet HTML 5Page - Vishay Siliconix TLWW9900 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VISHAY
TLWW9900
Document Number 83216
Rev. A1, 22-Apr-03
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (T
amb = 25 °C unless otherwise specified)
Figure 1. Power Dissipation vs. Ambient Temperature
Figure 2. Forward Current vs. Ambient Temperature for InGaN
Figure 3. Rel. Luminous Intensity vs. Angular Displacement
for 60 ° emission angle
0
25
50
75
100
125
150
175
200
225
250
Tamb - Ambient Temperature (°C)
16066
RthJA = 200 K/W
080
20
40
60
100
120
0
10
20
30
40
50
60
16067
Tamb - Ambient Temperature ( °C)
080
20
40
60
100
120
RthJA = 200 K/W
16006
0.4
0.2
0
0.2
0.4
0.6
0.6
0.9
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7
Figure 4. Percentage Total Luminous Flux vs. Total Included Angle
for 60 ° emission angle
Figure 5. Thermal Resistance Junction Ambient vs. Cathode
Padsize
Figure 6. Forward Current vs. Forward Voltage
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
Total Included Angle (Degrees)
16005
160
170
180
190
200
210
220
230
0
50
100
150
200
250
300
Cathode Padsize in mm2
16009
Padsize 8 mm 2
per Anode Pin
0
10
20
30
40
50
60
70
80
90
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VF - Forward Voltage ( V )
16062
White


Similar Part No. - TLWW9900

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWW9600 VISHAY-TLWW9600 Datasheet
143Kb / 6P
   TELUX-TM LED
Rev. A3, 22-Apr-03
More results

Similar Description - TLWW9900

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWW8600 VISHAY-TLWW8600 Datasheet
172Kb / 6P
   TELUX LED
Rev. A2, 22-Apr-03
TLWR8900 VISHAY-TLWR8900 Datasheet
228Kb / 8P
   TELUX LED
Rev. 2.2, 15-Dec-10
VLWB9600 VISHAY-VLWB9600 Datasheet
291Kb / 7P
   TELUX LED
Rev. 1.3, 15-Dec-10
VLWR9630 VISHAY-VLWR9630 Datasheet
299Kb / 7P
   TELUX LED
Rev. 1.5, 14-Jun-12
VLWY9930 VISHAY-VLWY9930 Datasheet
292Kb / 7P
   TELUX LED
Rev. 1.4, 14-Jun-12
VLWB9900 VISHAY-VLWB9900_V01 Datasheet
322Kb / 7P
   TELUX LED
01-Jan-2022
TLWY7900 VISHAY-TLWY7900_V02 Datasheet
303Kb / 9P
   TELUX LED
01-Jan-2023
TLWY8900 VISHAY-TLWY8900_V02 Datasheet
330Kb / 9P
   TELUX LED
01-Jan-2023
VLWW9900 VISHAY-VLWW9900 Datasheet
295Kb / 8P
   TELUX LED
Rev. 1.5, 15-Dec-10
TLWB VISHAY-TLWB Datasheet
280Kb / 14P
   TELUX LED
Rev. 1.8, 14-Jan-05
TLWR9600 VISHAY-TLWR9600_V01 Datasheet
220Kb / 5P
   TELUX LED
13-Jun-16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com