Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KF3002-GM50A Datasheet(PDF) 2 Page - Rohm

Part No. KF3002-GM50A
Description  Thick film thermal printhead (with thermal historical control)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

KF3002-GM50A Datasheet(HTML) 2 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KF3002-GM50A
Printheads
!
!
!
!
Equivalent circuit
VH (COM)
LATCH REGISTER
THERMISTER
30k
Ω B: 3950
TO EACH IC
DI, STB DIVISION DOT No. CORRESPONDENCE
VDD (+5)
GND
/ RESET
CLK (CP)
DO
DI
/ LOAD
/ STB2
/ STB1
START
INC
TM
TM
SEL2
SEL1
DOT
#640
DOT
#1
DI No.
DI
640
∼ 1
DOT No.
640
∼ 257
256
∼ 1
/ STB No.
/ STB2
/ STB1
DOT No.
220
µF
35V
0.1
µF
50V
!
!
!
!
Pin assignments
/ RESET
START
DO
NC
TM
TM
/ STB2
/ STB1
NC
NC
VH (COM)
VH (COM)
GND
GND
11
12
13
14
15
16
17
18
19
20
No.
Circuit
No.
1
2
3
4
Circuit
VDD
VDD
SEL2
SEL1
CLK (CP)
NC
DI
NC
INC
/ LOAD
No.
1
2
3
4
5
6
7
8
9
10
Circuit
CONNECTOR A
CONNECTOR B


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn