Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT22V10B-10NM Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT22V10B-10NM
Description  High Speed UV Erasable Programmable Logic Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT22V10B-10NM Datasheet(HTML) 3 Page - ATMEL Corporation

  AT22V10B-10NM Datasheet HTML 1Page - ATMEL Corporation AT22V10B-10NM Datasheet HTML 2Page - ATMEL Corporation AT22V10B-10NM Datasheet HTML 3Page - ATMEL Corporation AT22V10B-10NM Datasheet HTML 4Page - ATMEL Corporation AT22V10B-10NM Datasheet HTML 5Page - ATMEL Corporation AT22V10B-10NM Datasheet HTML 6Page - ATMEL Corporation AT22V10B-10NM Datasheet HTML 7Page - ATMEL Corporation AT22V10B-10NM Datasheet HTML 8Page - ATMEL Corporation AT22V10B-10NM Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
D.C. Characteristics
Symbol Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = -0.1 V to VCC+1 V
10
µA
ILO
Output Leakage Current
VOUT = -0.1 V to VCC+0.1 V
10
µA
ICC
Power Supply Current
f = 0 MHz to FMAX, VCC = MAX,
VIN = GND, Outputs Open
Com.
140
mA
Ind., Mil.
160
mA
IOS
(1)
Output Short Circuit Current VOUT = 0.5 V
-30
-120
mA
VIL
Input Low Voltage
-0.6
0.8
V
VIH
Input High Voltage
2.0
VCC+0.75
V
VOL
Output Low Voltage
VIN = VIH or VIL,
VCC = MIN
IOL = 16 mA
Com.,Ind.
0.5
V
IOL = 12 mA
Mil.
0.5
V
IOL = 24 mA
Com.
0.8
V
VOH
Output High Voltage
VIN = VIH or VIL,
VCC = MIN
IOH = -4.0 mA
2.4
V
Notes:
1. Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 sec.
D.C. and A.C. Operating Conditions
Commercial
AT22V10B
-7
Commercial
AT22V10B
-10
Industrial
AT22V10B
-10
Military
AT22V10B
-10
Operating Temperature (Case)
0
oC - 70oC0oC - 70oC-40oC - 85oC-55oC - 125oC
VCC Power Supply
5 V
± 5%
5 V
± 10%
5 V
± 10%
5 V
± 10%
AT22V10B
1-111


Similar Part No. - AT22V10B-10NM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
AT22V10-15 ATMEL-AT22V10-15 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
AT22V10-20 ATMEL-AT22V10-20 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
AT22V10-25 ATMEL-AT22V10-25 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
AT22V10-30 ATMEL-AT22V10-30 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
More results

Similar Description - AT22V10B-10NM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF750C ATMEL-ATF750C_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF750CL ATMEL-ATF750CL_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com