Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT22V10B-10JI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT22V10B-10JI
Description  High Speed UV Erasable Programmable Logic Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT22V10B-10JI Datasheet(HTML) 9 Page - ATMEL Corporation

  AT22V10B-10JI Datasheet HTML 1Page - ATMEL Corporation AT22V10B-10JI Datasheet HTML 2Page - ATMEL Corporation AT22V10B-10JI Datasheet HTML 3Page - ATMEL Corporation AT22V10B-10JI Datasheet HTML 4Page - ATMEL Corporation AT22V10B-10JI Datasheet HTML 5Page - ATMEL Corporation AT22V10B-10JI Datasheet HTML 6Page - ATMEL Corporation AT22V10B-10JI Datasheet HTML 7Page - ATMEL Corporation AT22V10B-10JI Datasheet HTML 8Page - ATMEL Corporation AT22V10B-10JI Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
tPD
(ns)
tS
(ns)
tCO
(ns)
Ordering Code
Package
Operation Range
7.5
3.5
5.5
AT22V10B-7DC
24DW3
Commercial
AT22V10B-7JC
28J
(0
°C to 70°C)
AT22V10B-7PC
24P3
10
5
7
AT22V10B-10DC
24DW3
Commercial
AT22V10B-10GC
24D3
(0
°C to 70°C)
AT22V10B-10JC
28J
AT22V10B-10PC
24P3
AT22V10B-10SC
24S
AT22V10B-10DI
24DW3
Industrial
AT22V10B-10GI
24D3
(-40
°C to 85°C)
AT22V10B-10JI
28J
AT22V10B-10PI
24P3
AT22V10B-10SI
24S
AT22V10B-10DM
24DW3
Military
AT22V10B-10GM
24D3
(-55
°C to 125°C)
AT22V10B-10LM
28LW
AT22V10B-10NM
28L
AT22V10B-10DM/883
24DW3
Military/883C
AT22V10B-10GM/883
24D3
(-55
°C to 125°C)
AT22V10B-10LM/883
28LW
Class B, Fully Compliant
AT22V10B-10NM/883
28L
AT22V10B-12LM/883
28LW
AT22V10B-12NM/883
28L
10
5
7
5962-87539 06 LA
24DW3
Military/883C
5962-87539 06 3X
28L
(-55
°C to 125°C)
Class B, Fully Compliant
Ordering Information
Package Type
24DW3
24 Lead, 0.300" Wide, Windowed, Ceramic Dual Inline Package (Cerdip)
24D3
24 Lead, 0.300" Wide, Non-Windowed (OTP), Ceramic Dual Inline Package (Cerdip)
28J
28 Lead, Plastic J-Leaded Chip Carrier OTP (PLCC)
28LW
28 Pad, Windowed, Ceramic Leadless Chip Carrier (LCC)
28L
28 Pad, Non-Windowed, Ceramic Leadless Chip Carrier OTP (LCC)
24P3
24 Lead, 0.300" Wide, Plastic Dual Inline Package OTP (PDIP)
24S
24 Lead, 0.300" Wide, Plastic Gull Wing Small Outline OTP (SOIC)
AT22V10B
1-117


Similar Part No. - AT22V10B-10JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
AT22V10-15 ATMEL-AT22V10-15 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
AT22V10-20 ATMEL-AT22V10-20 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
AT22V10-25 ATMEL-AT22V10-25 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
AT22V10-30 ATMEL-AT22V10-30 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
More results

Similar Description - AT22V10B-10JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF750C ATMEL-ATF750C_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF750CL ATMEL-ATF750CL_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com