Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT22V10B-10PC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT22V10B-10PC
Description  High Speed UV Erasable Programmable Logic Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT22V10B-10PC Datasheet(HTML) 8 Page - ATMEL Corporation

  AT22V10B-10PC Datasheet HTML 1Page - ATMEL Corporation AT22V10B-10PC Datasheet HTML 2Page - ATMEL Corporation AT22V10B-10PC Datasheet HTML 3Page - ATMEL Corporation AT22V10B-10PC Datasheet HTML 4Page - ATMEL Corporation AT22V10B-10PC Datasheet HTML 5Page - ATMEL Corporation AT22V10B-10PC Datasheet HTML 6Page - ATMEL Corporation AT22V10B-10PC Datasheet HTML 7Page - ATMEL Corporation AT22V10B-10PC Datasheet HTML 8Page - ATMEL Corporation AT22V10B-10PC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DELTA TCO vs. OUTPUT LOADING
( VCC = 4.5V, OUTPUT LOAD = COMMERCIAL )
-3
0
3
6
9
12
D
e
l
t
a
T
C
O
n
s
0
100
200
300
400
Output Load (jig included) Capacitance pF
DELTA TPD vs. OUTPUT LOADING
(VCC = 4.5V, OUTPUT LOAD = COMMERCIAL)
-4
0
4
8
12
D
e
l
t
a
T
P
D
n
s
0
100
200
300
400
Output Load (jig included) Capacitance pF
NORMALIZED TS
vs. TEMPERATURE
0.7
0.9
1.1
1.3
N
o
r
m
a
l
i
z
e
d
T
S
-55
-25
5
35
65
95
125
Ambient Temperature (C)
NORMALIZED TS
vs. SUPPLY VOLTAGE
0.7
0.8
0.9
1.0
1.1
1.2
N
o
r
m
a
l
i
z
e
d
T
S
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
NORMALIZED TCO
vs. TEMPERATURE
0.9
1.1
1.3
1.5
N
o
r
m
a
l
i
z
e
d
T
C
O
-55
-25
5
35
65
95
125
Ambient Temperature (C)
NORMALIZED TCO
vs. SUPPLY VOLTAGE
0.9
1.0
1.1
1.2
N
o
r
m
a
l
i
z
e
d
T
C
O
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
NORMALIZED TPD
vs. TEMPERATURE
0.7
0.9
1.1
1.3
1.5
N
o
r
m
a
l
i
z
e
d
T
P
D
-55
-25
5
35
65
95
125
Ambient Temperature (C)
NORMALIZED TPD
vs. SUPPLY VOLTAGE
0.9
1.0
1.1
1.2
1.3
N
o
r
m
a
l
i
z
e
d
T
P
D
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
1-116
AT22V10B


Similar Part No. - AT22V10B-10PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
AT22V10-15 ATMEL-AT22V10-15 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
AT22V10-20 ATMEL-AT22V10-20 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
AT22V10-25 ATMEL-AT22V10-25 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
AT22V10-30 ATMEL-AT22V10-30 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
More results

Similar Description - AT22V10B-10PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF750C ATMEL-ATF750C_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF750CL ATMEL-ATF750CL_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com