Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT22V10-35 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT22V10-35
Description  High Speed UV Erasable Programmable Logic Device
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT22V10-35 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT22V10-35 Datasheet HTML 2Page - ATMEL Corporation AT22V10-35 Datasheet HTML 3Page - ATMEL Corporation AT22V10-35 Datasheet HTML 4Page - ATMEL Corporation AT22V10-35 Datasheet HTML 5Page - ATMEL Corporation AT22V10-35 Datasheet HTML 6Page - ATMEL Corporation AT22V10-35 Datasheet HTML 7Page - ATMEL Corporation AT22V10-35 Datasheet HTML 8Page - ATMEL Corporation AT22V10-35 Datasheet HTML 9Page - ATMEL Corporation AT22V10-35 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Pin Capacitance
(f = 1 MHz, T = 25°C)
(1)
Typ
Max
Units
Conditions
CIN
58
pF
VIN = 0 V
COUT
68
pF
VOUT = 0 V
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
Power Up Reset
The registers in the AT22V10 and AT22V10L are designed to
reset during power up. At a point delayed slightly from VCC
crossing 3.8 V, all registers will be reset to the low state. The
output state will depend on the polarity of the output buffer.
This feature is critical for state machine initialization. However,
due to the asynchronous nature of reset and the uncertainty of
how VCC actually rises in the system, the following conditions
are required:
1) The VCC rise must be monotonic,
2) After reset occurs, all input and feedback setup times must be
met before driving the clock pin high, and
3) The clock must remain stable during tPR.
Parameter
Description
Min
Typ
Max
Units
tPR
Power-Up
Reset Time
600
1000
ns
CLOCK
3.8 V
POWER
REGISTERED
OUTPUTS
tS
tPR
tW
Erasure Characteristics
The entire fuse array of an AT22V10 or AT22V10L is erased
after exposure to ultraviolet light at a wavelength of 2537 Å.
Complete erasure is assured after a minimum of 20 minutes ex-
posure using 12,000
µW/cm
2 intensity lamps spaced one inch
away from the chip. Minimum erase time for lamps at other in-
tensity ratings can be calculated from the minimum integrated
erasure dose of 15 Wsec/cm
2. To prevent unintentional era-
sure, an opaque label is recommended to cover the clear window
on any UV erasable PLD which will be subjected to continuous
fluorescent indoor lighting or sunlight.
Preload of Registered Outputs
The registers in the AT22V10 and AT22V10L are provided
with circuitry to allow loading of each register asynchronously
with either a high or a low. This feature will simplify testing
since any state can be forced into the registers to control test
sequencing. A VIH level on the I/O pin will force the register
high; a VIL will force it low, independent of the polarity bit (C0)
setting. The preload state is entered by placing an 11.5-V to
13-V signal on pin 8 on DIPs, and pin 10 on SMPs. When the
clock pin is pulsed high, the data on the I/O pins is placed into
the ten registers.
CLOCK
VH
OUTPUTS
DISABLED
PRELOAD
CLOCKED IN
PRELOAD DATA
PRELOAD
REGISTERED
VOLTAGE
REMOVED
tD
tD
tD
tD
tD
OUTPUT
FORCE I/O’S
TO VIH ORVIL
PRELOAD ENA.
OUTPUTS DIS.
tDMIN = 100 ns
Level forced on
registered output pin
during preload cycle
Register state
after cycle
VIH
High
VIL
Low
1-102
AT22V10/L


Similar Part No. - AT22V10-35

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10B-10DC ATMEL-AT22V10B-10DC Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10B-10DI ATMEL-AT22V10B-10DI Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10B-10DM ATMEL-AT22V10B-10DM Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10B-10DM/883 ATMEL-AT22V10B-10DM/883 Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
More results

Similar Description - AT22V10-35

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF750C ATMEL-ATF750C_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF750CL ATMEL-ATF750CL_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com