Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT22V10L Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT22V10L
Description  High Speed UV Erasable Programmable Logic Device
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT22V10L Datasheet(HTML) 3 Page - ATMEL Corporation

  AT22V10L Datasheet HTML 1Page - ATMEL Corporation AT22V10L Datasheet HTML 2Page - ATMEL Corporation AT22V10L Datasheet HTML 3Page - ATMEL Corporation AT22V10L Datasheet HTML 4Page - ATMEL Corporation AT22V10L Datasheet HTML 5Page - ATMEL Corporation AT22V10L Datasheet HTML 6Page - ATMEL Corporation AT22V10L Datasheet HTML 7Page - ATMEL Corporation AT22V10L Datasheet HTML 8Page - ATMEL Corporation AT22V10L Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
D.C. Characteristics
Symbol Parameter
Condition
Min
Typ
Max
Units
ILI
Input Load Current
VIN = -0.1 V to VCC+1
V
10
µA
ILO
Output Leakage
Current
VOUT = -0.1 V to VCC+0.1 V
10
µA
ICC
Power Supply
Current
VCC = MAX,
VIN = GND,
Outputs Open
AT22V10-15,-20
Com.
90
mA
Ind., Mil.
100
mA
AT22V10-25,-35
(2)
55
mA
AT22V10L
(2)
Com.
1.7
12
mA
Ind., Mil.
2.0
15
mA
ICC2
Clocked Power
Supply Current
VCC = MAX,
Outputs Open
AT22V10L
(2)
Com.
2.0
mA/MHz
Ind., Mil.
2.0
mA/MHz
IOS
(1)
Output Short
Circuit Current
VOUT = 0.5 V
-120
mA
VIL
Input Low Voltage
-0.6
0.8
V
VIH
Input High Voltage
2.0
VCC+0.75
V
VOL
Output Low
Voltage
VIN = VIH or VIL,
VCC = MIN
IOL = 16 mA
Com.,Ind.
0.5
V
IOL = 12 mA
Mil.
0.5
V
IOL = 24 mA
Com.
0.8
V
VOH
Output High
Voltage
VIN=VIH or VIL,
VCC=MIN
IOH = -100 µA
VCC-0.3
V
IOH = -4.0 mA
2.4
V
2. See ICC vs. Frequency curves in the back of this data sheet.
Notes:
1. Not more than one output at a time should be shorted. Du-
ration of short circuit test should not exceed 30 sec.
A.C. Characteristics, Commercial and Industrial
AT22V10-15
AT22V10/L-20
AT22V10/L-25
Symbol Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
tPD
Input or Feedback to
Non-Registered Output
10
15
12
20
15
25
ns
tEA
Input to Output Enable
10
15
20
15
25
ns
tER
Input to Output Disable
10
15
20
15
25
ns
tCF
Clock to Feedback
01
2.5048
05
10
ns
tCO
Clock to Output
0
7
10
0
8
12
0
10
15
ns
tS
Input or Feedback Setup Time
10
8
12
8
15
12
ns
tH
Hold Time
0
0
0
ns
tP
Clock Period
12
20
24
ns
tW
Clock Width
6
10
12
ns
FMAX
External Feedback 1/(tS+tCO)
50.0
41.6
33.3
MHz
Internal Feedback 1/(tS + tCF)
80.0
50.0
40.0
MHz
No Feedback 1/(tP)
83.3
50.0
41.6
MHz
tAW
Asynchronous Reset Width
15
8
20
9
25
10
ns
tAR
Asynchronous Reset,
Synchronous Preset,
Recovery Time
15
8
2012
2515
ns
tAP
Asynchronous Reset to
Registered Output Reset
12
20
15
22
18
25
ns
AT22V10/L
1-99


Similar Part No. - AT22V10L

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10B-10DC ATMEL-AT22V10B-10DC Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10B-10DI ATMEL-AT22V10B-10DI Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10B-10DM ATMEL-AT22V10B-10DM Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10B-10DM/883 ATMEL-AT22V10B-10DM/883 Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
More results

Similar Description - AT22V10L

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF750C ATMEL-ATF750C_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF750CL ATMEL-ATF750CL_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com