Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX256-PTQ100I Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EX256-PTQ100I
Description  eX Family FPGAs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EX256-PTQ100I Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button EX256-PTQ100I Datasheet HTML 3Page - List of Unclassifed Manufacturers EX256-PTQ100I Datasheet HTML 4Page - List of Unclassifed Manufacturers EX256-PTQ100I Datasheet HTML 5Page - List of Unclassifed Manufacturers EX256-PTQ100I Datasheet HTML 6Page - List of Unclassifed Manufacturers EX256-PTQ100I Datasheet HTML 7Page - List of Unclassifed Manufacturers EX256-PTQ100I Datasheet HTML 8Page - List of Unclassifed Manufacturers EX256-PTQ100I Datasheet HTML 9Page - List of Unclassifed Manufacturers EX256-PTQ100I Datasheet HTML 10Page - List of Unclassifed Manufacturers EX256-PTQ100I Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
v3.0
7
eX Fam i l y FP G A s
machine reaches the “logic reset” state. At this point the
BST pins will be released and will function as regular I/O
pins. The “logic reset” state is reached five TCK cycles after
the TMS pin is set to logical HIGH.
The Program fuse determines whether the device is in
Dedicated Test or Flexible mode. The default (fuse not
programmed) is Flexible mode.
Dev e l opm ent To ol S uppor t
The eX devices are fully supported by Actel’s line of FPGA
development tools, including the Actel Designer Series suite
and Libero, the FPGA design tool suite. Designer Series,
Actel’s suite of FPGA development tools for PCs and
Workstations, includes the ACTgen Macro Builder, timing
driven place-and-route, timing analysis tools, and fuse file
generation. Libero is a design management environment
that integrates the needed design tools, streamlines the
design flow, manages all design and log files, and passes
necessary design data between tools. Libero includes
Synplify, ViewDraw, Actel’s Designer Series, ModelSim HDL
Simulator, WaveFormer Lite, and Actel Silicon Explorer.
In addition, the eX devices contain internal probe circuitry
that provides built-in access to the output of every C-cell,
R-cell, and routed clock in the design, enabling 100-percent
real-time observation and analysis of a device's internal
logic nodes without design iteration. The probe circuitry is
accessed by Silicon Explorer II, an easy-to-use integrated
verification and logic analysis tool that can sample data at
100 MHz (asynchronous) or 66 MHz (synchronous). Silicon
Explorer II attaches to a PC’s standard COM port, turning
the PC into a fully functional 18-channel logic analyzer.
Silicon Explorer II allows designers to complete the design
verification process at their desks and reduces verification
time from several hours per cycle to only a few seconds.
eX P ro be Ci r c u i t C ont ro l Pi ns
The Silicon Explorer II tool uses the boundary scan ports
(TDI, TCK, TMS and TDO) to select the desired nets for
verification. The selected internal nets are assigned to the
PRA/PRB pins for observation. Figure 7 illustrates the
interconnection between Silicon Explorer II and the FPGA
to perform in-circuit verification. The TRST pin is equipped
with an internal pull-up resistor. To remove the boundary
scan state machine from the reset state during probing, it is
recommended that the TRST pin be left floating.
De s i gn C ons i d era ti ons
For prototyping, the TDI, TCK, TDO, PRA, and PRB pins
should not be used as input or bidirectional ports. Because
these pins are active during probing, critical signals input
through these pins are not available while probing. In
addition, the Security Fuse should not be programmed
because doing so disables the probe circuitry.
Figure 7 • Probe Setup
Silicon Explorer II
TDI
TCK
TDO
TMS
PRA
PRB
Serial Connection
eX FPGA


Similar Part No. - EX256-PTQ100I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX256-PTQ100I ACTEL-EX256-PTQ100I Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
EX256-PTQ100I ACTEL-EX256-PTQ100I Datasheet
433Kb / 49P
   eX Family FPGAs
More results

Similar Description - EX256-PTQ100I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
EX128-TQG100A ACTEL-EX128-TQG100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com