Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESR18EZPD Datasheet(PDF) 5 Page - Rohm

Part # ESR18EZPD
Description  Endured surge thick film chip resistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ESR18EZPD Datasheet(HTML) 5 Page - Rohm

  ESR18EZPD Datasheet HTML 1Page - Rohm ESR18EZPD Datasheet HTML 2Page - Rohm ESR18EZPD Datasheet HTML 3Page - Rohm ESR18EZPD Datasheet HTML 4Page - Rohm ESR18EZPD Datasheet HTML 5Page - Rohm ESR18EZPD Datasheet HTML 6Page - Rohm ESR18EZPD Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ESR18
Resistors
Rev.A
5/6
−500
−400
−300
−200
−100
0
100
200
300
500
400
RESISTANCE
(
Ω)
Fig.8 Variation of resistance with
temperature (D class)
10
100
1k
10k
100k
1M
JIS C 5201-1 SEC 4.8
SAMPLE SIZE : n
=10pcs
25
°C / −55°C
25
°C / 125°C
−4.0
−5.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
5.0
RESISTANCE
(
Ω)
Fig.9 Overload
10
100
1k
10k 100k 1M
10M
JIS C 5201-1 SEC 4.13
SAMPLE SIZE : n
=10pcs
RATED VOLTAGE
×2.5
TIMES : 2s
MAXIMUM OVERLOAD VOLTAGE : 400V
20
30
40
50
60
70
80
90
100
RESISTANCE
(
Ω)
Fig.10 Solderability
JIS C 5201-1 SEC 4.17
SAMPLE SIZE : n=10pcs
SOLDERING CONDITION : 235
°C 2s
10
100
1k
10k
100k 1M
10M
RESISTANCE
(
Ω)
Fig.11 Resistance to soldering heat
JIS C 5201-1 SEC 4.18
SAMPLE SIZE : n
=10pcs
SOLDERING CONDITION : 260
°C 10s
10
100
1k
10k 100k 1M
10M
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.5
2.0
RESISTANCE
(
Ω)
Fig.12 Rapid change of temperature
JIS C 5201-1 SEC 4.19
SAMPLE SIZE : n
=10pcs
−55°C / 125°C 1000cyc
10
100
1k
10k 100k 1M
10M
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.5
2.0
−4.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
RESISTANCE
(
Ω)
Fig.13 Damp heat, steady state
10
100
1k
10k 100k 1M
10M
JIS C 5201-1 SEC 4.24
SAMPLE SIZE : n
=10pcs
40
°C 93%RH WITH NO LOAD 1,000h
−4.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
RESISTANCE
(
Ω)
Fig.13 Damp heat, steady state
10
100
1k
10k 100k 1M
10M
JIS C 5201-1 SEC 4.24
SAMPLE SIZE : n
=10pcs
40
°C 93%RH WITH NO LOAD 1,000h
−4.0
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
RESISTANCE
(
Ω)
Fig.15 Endurance
10
100
1k
10k 100k 1M
10M
JIS C 5201-1 SEC 4.25.3
SAMPLE SIZE : n
=10pcs
155
°C WITH NO LOAD 1,000h
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
RESISTANCE
(
Ω)
Fig.16 Component solvent resistance
10
100
1k
10k 100k 1M
10M
JIS C 5201-1 SEC 4.29
SAMPLE SIZE : n
=10pcs
IPA, 5min.


Similar Part No. - ESR18EZPD

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR18EZPD100 ROHM-ESR18EZPD100 Datasheet
571Kb / 8P
   Anti-surge chip resistors
ESR18EZPD100 ROHM-ESR18EZPD100 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR18EZPDD ROHM-ESR18EZPDD Datasheet
76Kb / 5P
   Anti-surge Chip Resistors
ESR18EZPDF ROHM-ESR18EZPDF Datasheet
76Kb / 5P
   Anti-surge Chip Resistors
ESR18EZPDJ ROHM-ESR18EZPDJ Datasheet
76Kb / 5P
   Anti-surge Chip Resistors
More results

Similar Description - ESR18EZPD

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR10 ROHM-ESR10 Datasheet
106Kb / 7P
   Endured surge thick film chip resistor
KTR10 ROHM-KTR10_1 Datasheet
87Kb / 7P
   Endured high voltage fixed thick film chip resistor
KTR10 ROHM-KTR10 Datasheet
106Kb / 7P
   Endured high voltage fixed thick film chip resistor
logo
KOA Speer Electronics, ...
SG732ATTD200K KOA-SG732ATTD200K Datasheet
252Kb / 2P
   surge current thick film chip resistor
logo
Rohm
ESR03 ROHM-ESR03 Datasheet
70Kb / 5P
   Anti-surge thick film chip resistor
ESR03 ROHM-ESR03_09 Datasheet
169Kb / 4P
   Anti-surge thick film chip resistor
logo
KOA Speer Electronics, ...
SG731JT KOA-SG731JT Datasheet
92Kb / 2P
   surge current thick film chip resistor
SG73 KOA-SG73_11 Datasheet
246Kb / 2P
   surge current thick film chip resistor
logo
Rohm
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
   Anti-surge thick film chip resistor
logo
KOA Speer Electronics, ...
SG732ATTD121K KOA-SG732ATTD121K Datasheet
240Kb / 2P
   surge current thick film chip resistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com