Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESR18 Datasheet(PDF) 4 Page - Rohm

Part # ESR18
Description  Endured surge thick film chip resistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ESR18 Datasheet(HTML) 4 Page - Rohm

  ESR18 Datasheet HTML 1Page - Rohm ESR18 Datasheet HTML 2Page - Rohm ESR18 Datasheet HTML 3Page - Rohm ESR18 Datasheet HTML 4Page - Rohm ESR18 Datasheet HTML 5Page - Rohm ESR18 Datasheet HTML 6Page - Rohm ESR18 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ESR18
Resistors
Rev.A
4/6
Makeup of the part number
Part No.
ES
8
1
R
±5%
Resistance tolerance
J
±0.5%
D
Nominal resistance
EZP
Paper tape (4mm Pitch)
φ180mm (7in.)
5,000
E Z P
J
ESR18
Reel (
φ180) : JEITA ET-7200B
: Standard product
Part No.
Resistance tolerance
Code
Packaging specifications
Reel
Basic ordering unit(pcs)
Packaging Specifications Code
J(
±5%)
F(
±1%)
J
D
:
:
3 digits
4 digits
Resistance code, 3 or 4 digits.
Resistance
tolerance
Resistance
code
Dimensions
3.00
3.05
3.10
3.20
3.15
3.25
3.30
3.35
3.40
Fig.2 Demensions (length)
RESISTANCE
(
Ω)
JIS C 5201-1 4.4
SAMPLE SIZE : n
=20pcs
MICROMETER
1
10
100
1k
10k 100k 1M 10M
1.40
1.45
1.50
1.60
1.55
1.65
1.70
1.75
1.80
Fig.3 Dimensions (width)
RESISTANCE
(
Ω)
JIS C 5201-1 4.4
SAMPLE SIZE : n
=20pcs
MICROMETER
1
10
100
1k
10k 100k 1M 10M
0.35
0.40
0.45
0.55
0.50
0.60
0.65
0.70
0.75
Fig.4 Dimensions (thickness)
RESISTANCE
(
Ω)
JIS C 5201-1 4.4
SAMPLE SIZE : n
=20pcs
MICROMETER
1
10
100
1k
10k 100k 1M 10M
Electrical characteristics
−6.0
−4.0
−2.0
0.0
2.0
4.0
6.0
RESISTANCE
(
Ω)
Fig.5 Resistance (J class)
JIS C 5201-1 SEC 4.5
SAMPLE SIZE : n
=20pcs
20
°C 65%RH
10
100
1k
10k 100k 1M 10M
−6.0
−4.0
−2.0
0.0
2.0
4.0
6.0
RESISTANCE
(
Ω)
Fig.6 Resistance (D class)
JIS C 5201-1 SEC 4.5
SAMPLE SIZE : n
=20pcs
20
°C 65%RH
10
100
1k
10k
100k
1M
−500
−400
−300
−200
−100
0
100
200
300
500
400
RESISTANCE
(
Ω)
Fig.7 Variation of resistance with
temperature (J class)
10
100
1k
10k
100k
1M
10M
JIS C 5201-1 SEC 4.8
SAMPLE SIZE : n
=10pcs
25
°C / −55°C
25
°C / 125°C


Similar Part No. - ESR18

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR18 ROHM-ESR18 Datasheet
76Kb / 5P
   Anti-surge Chip Resistors
ESR18 ROHM-ESR18 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors 2kV to 5kV electrostatic discharge resistance.
ESR18 ROHM-ESR18 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR18 ROHM-ESR18 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR18EZPD100 ROHM-ESR18EZPD100 Datasheet
571Kb / 8P
   Anti-surge chip resistors
More results

Similar Description - ESR18

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR10 ROHM-ESR10 Datasheet
106Kb / 7P
   Endured surge thick film chip resistor
KTR10 ROHM-KTR10_1 Datasheet
87Kb / 7P
   Endured high voltage fixed thick film chip resistor
KTR10 ROHM-KTR10 Datasheet
106Kb / 7P
   Endured high voltage fixed thick film chip resistor
logo
KOA Speer Electronics, ...
SG732ATTD200K KOA-SG732ATTD200K Datasheet
252Kb / 2P
   surge current thick film chip resistor
logo
Rohm
ESR03 ROHM-ESR03 Datasheet
70Kb / 5P
   Anti-surge thick film chip resistor
ESR03 ROHM-ESR03_09 Datasheet
169Kb / 4P
   Anti-surge thick film chip resistor
logo
KOA Speer Electronics, ...
SG731JT KOA-SG731JT Datasheet
92Kb / 2P
   surge current thick film chip resistor
SG73 KOA-SG73_11 Datasheet
246Kb / 2P
   surge current thick film chip resistor
logo
Rohm
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
   Anti-surge thick film chip resistor
logo
KOA Speer Electronics, ...
SG732ATTD121K KOA-SG732ATTD121K Datasheet
240Kb / 2P
   surge current thick film chip resistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com