Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESR10EZPJ Datasheet(PDF) 6 Page - Rohm

Part # ESR10EZPJ
Description  Endured surge thick film chip resistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ESR10EZPJ Datasheet(HTML) 6 Page - Rohm

  ESR10EZPJ Datasheet HTML 1Page - Rohm ESR10EZPJ Datasheet HTML 2Page - Rohm ESR10EZPJ Datasheet HTML 3Page - Rohm ESR10EZPJ Datasheet HTML 4Page - Rohm ESR10EZPJ Datasheet HTML 5Page - Rohm ESR10EZPJ Datasheet HTML 6Page - Rohm ESR10EZPJ Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ESR10
Resistors
Rev.A
6/6
RESISTANCE
(
Ω)
Fig.17 Bend strength of the end
face plating
JIS C 5201-1 SEC 4.33
SAMPLE SIZE : n
=10pcs
ENDURANCE WITH 90mm WIDTH
10
100
1k
10k 100k 1M
10M
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.5
2.0
−10.0
−5.0
0.0
5.0
10.0
RESISTANCE
(
Ω)
Fig.18 Static electric aharacteristics
10
100
1k
10k 100k 1M 10M
EIAJ ED-4701/300
VOLTAGE : 3kV
R : 1.5k
Ω C : 100pF
APPLY CYCLE : 1TIME


Similar Part No. - ESR10EZPJ

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR10EZPJ100 ROHM-ESR10EZPJ100 Datasheet
571Kb / 8P
   Anti-surge chip resistors
ESR10EZPJ100 ROHM-ESR10EZPJ100 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPJ100 ROHM-ESR10EZPJ100 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPJ100 ROHM-ESR10EZPJ100 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPJ200 ROHM-ESR10EZPJ200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
More results

Similar Description - ESR10EZPJ

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR18 ROHM-ESR18 Datasheet
119Kb / 7P
   Endured surge thick film chip resistor
KTR10 ROHM-KTR10_1 Datasheet
87Kb / 7P
   Endured high voltage fixed thick film chip resistor
KTR10 ROHM-KTR10 Datasheet
106Kb / 7P
   Endured high voltage fixed thick film chip resistor
logo
KOA Speer Electronics, ...
SG732ATTD200K KOA-SG732ATTD200K Datasheet
252Kb / 2P
   surge current thick film chip resistor
logo
Rohm
ESR03 ROHM-ESR03 Datasheet
70Kb / 5P
   Anti-surge thick film chip resistor
ESR03 ROHM-ESR03_09 Datasheet
169Kb / 4P
   Anti-surge thick film chip resistor
logo
KOA Speer Electronics, ...
SG731JT KOA-SG731JT Datasheet
92Kb / 2P
   surge current thick film chip resistor
SG73 KOA-SG73_11 Datasheet
246Kb / 2P
   surge current thick film chip resistor
logo
Rohm
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
   Anti-surge thick film chip resistor
logo
KOA Speer Electronics, ...
SG732ATTD121K KOA-SG732ATTD121K Datasheet
240Kb / 2P
   surge current thick film chip resistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com