Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RG2-3V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # RG2-3V
Description  HIGH FREQUENCY RG RELAYS WITH 1C AND 2C CONTACTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

RG2-3V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  RG2-3V Datasheet HTML 1Page - Nais(Matsushita Electric Works) RG2-3V Datasheet HTML 2Page - Nais(Matsushita Electric Works) RG2-3V Datasheet HTML 3Page - Nais(Matsushita Electric Works) RG2-3V Datasheet HTML 4Page - Nais(Matsushita Electric Works) RG2-3V Datasheet HTML 5Page - Nais(Matsushita Electric Works) RG2-3V Datasheet HTML 6Page - Nais(Matsushita Electric Works) RG2-3V Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
105
Arrangement
Contact
Coil (polarized) (at 25
°C, 68°F)
1 Form C
2 Form C
Single side stable
350 mW
400 mW
1 coil latching
175 mW
200 mW
2 coil latching
350 mW
400 mW
1 Form C, 2 Form C
Contact material
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
High frequency characteristics
(at 900 MHz)
Gold-clad silver
100 m
24 W
24 V DC
1 A
1 A 24 V DC
5
×106
105
Min. 65 dB
Min. 65 dB
75
50
Max. 1 dB
Max. 1 dB
Max. 1.2
Isolation
Insertion loss
V.S.W.R.
Max. 2.0
Initial insulation resistance*1
Shock resistance
Vibration resistance
Unit weight
Ambient
temp.
Humidity
5 to 85%R.H.
Characteristics
Min. 100 M
Ω at 500 V DC
Operate time*3 (at nominal voltage)
Approx. 10 ms
Release time*3 (at nominal voltage)(without diode)
Temperature rise (at 20
°C)
Approx. 5 ms
Set time*3 (at nominal voltage)
Approx. 7 ms
Reset time*3 (at nominal voltage)
Approx. 7 ms
Max. 55
°C with nominal coil voltage
across coil and at nominal switching capacity
Functional*4
Destructive*5
Functional*6
1 C type
2 C type
Approx. 8 g .282 oz
Approx. 10 g .353 oz
Destructive
Min. 196 m/s2 {20 G}
Min. 980 m/s2 {100 G}
10 to 55 Hz
at double amplitude of 2 mm
10 to 55 Hz
at double amplitude of 2 mm
–50
°C to 60°C
–58
°F to 140°F
Rating
(resistive)
Max. switching power
Max. switching voltage
Max. switching current
Nominal switching capacity
Initial
breakdown
voltage*2
Between open contacts
Between contacts and coil
Between contacts and
earth terminal
1,000 Vrms
2,000 Vrms
500 Vrms
Expected life
(min. operations)
Mechanical
Electrical 1 A 24 V DC
Conditions for operation,
transport and storage
(Not freezing and condens-
ing at low temperature)
Remarks
* Specifications will vary with foreign standards certification ratings.
*
1 Measurement at same location as “Intial breakdown voltage” section
*
2 Detection current: 10mA
*
3 Excluding contact bounce time
*
4 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*
5 Half-wave pulse of sine wave: 6ms
*
6 Detection time: 10
µs
HIGH FREQUENCY
RG RELAYS WITH 1C
AND 2C CONTACTS
RG-RELAYS
19
.748
10.4
.409
25
.984
1 Form C
23
.906
9.9
.390
25
.984
2 Form C
mm inch
1T
L
5V
Ex. RG
Contact arrangement
Characteristic impedance
Operating function
Coil voltage
1:1 Form C
2:2 Form C
Note: Standard packing; Carton: 50 pcs. Case 500 pcs.
Nil: 75
T: 50
Nil: Single side
Nil: stable
L: 1 coil latching
L2: 2 coil latching
DC: 3, 5, 6,
9, 12, 24,
48 V
TYPICAL APPLICATIONS
• Measuring instrument
• Testing equipment
• CATV converter
• Audio visual equipment
• TV game set
ORDERING INFORMATION
• Excellent high frequency characteristics
Isolation: Min. 65dB (at 900 MHz)
Insertion loss: Max. 1.0 (at 900 MHz)
• Wide selection
Characteristic impedance: 50
Ω type and 75 Ω type
Coil: Single side stable and latching type
• 1 A 24 V DC switching capacity
• Sealed construction for automatic cleaning
• High sensitivity 350W (1 Form C) in small size
SPECIFICATIONS


Similar Part No. - RG2-3V

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
RG2-302N-D15 COPAL-RG2-302N-D15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
RG2-302N-R15 COPAL-RG2-302N-R15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
RG2-302S-D15 COPAL-RG2-302S-D15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
RG2-302S-R15 COPAL-RG2-302S-R15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
RG2-303N-D15 COPAL-RG2-303N-D15 Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
More results

Similar Description - RG2-3V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
JTN1AG-TMP-F-DC24V PANASONIC-JTN1AG-TMP-F-DC24V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays
logo
Meder Electronic
HF05-1A54-6 MEDER-HF05-1A54-6 Datasheet
892Kb / 3P
   High Frequency and High Power Reed Relays
logo
Nais(Matsushita Electri...
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
logo
Omron Electronics LLC
G7S-4A2B-E-DC24 OMRON-G7S-4A2B-E-DC24 Datasheet
469Kb / 5P
   Relays with Forcibly Guided Contacts and High Switching Capacity of 10A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com