Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX256-FCS100 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EX256-FCS100
Description  eX Family FPGAs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EX256-FCS100 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EX256-FCS100 Datasheet HTML 1Page - List of Unclassifed Manufacturers EX256-FCS100 Datasheet HTML 2Page - List of Unclassifed Manufacturers EX256-FCS100 Datasheet HTML 3Page - List of Unclassifed Manufacturers EX256-FCS100 Datasheet HTML 4Page - List of Unclassifed Manufacturers EX256-FCS100 Datasheet HTML 5Page - List of Unclassifed Manufacturers EX256-FCS100 Datasheet HTML 6Page - List of Unclassifed Manufacturers EX256-FCS100 Datasheet HTML 7Page - List of Unclassifed Manufacturers EX256-FCS100 Datasheet HTML 8Page - List of Unclassifed Manufacturers EX256-FCS100 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
v3.0
3
eX Fam i l y FP G A s
e X Fa m i l y Ar ch i t ect u r e
The eX family architecture uses a “sea-of-modules”
structure where the entire floor of the device is covered
with a grid of logic modules with virtually no chip area lost
to interconnect elements or routing. Interconnection
among these logic modules is achieved using Actel’s
patented
metal-to-metal
programmable
antifuse
interconnect elements. Actel’s eX family provides two types
of logic modules, the register cell (R-cell) and the
combinatorial cell (C-cell).
The R-cell contains a flip-flop featuring asynchronous clear,
asynchronous preset, and clock enable (using the S0 and S1
lines) control signals (Figure 1). The R-cell registers
feature programmable clock polarity selectable on a
register-by-register basis. This provides additional flexibility
while allowing mapping of synthesized functions into the eX
FPGA. The clock source for the R-cell can be chosen from
either the hard-wired clock or the routed clock.
The C-cell implements a range of combinatorial functions
up to 5 inputs (Figure 2). Inclusion of the DB input and its
associated inverter function dramatically increases the
number
of
combinatorial
functions
that
can
be
implemented in a single module from 800 options in
previous architectures to more than 4,000 in the eX
architecture.
Mod u l e Or gani zat i on
Actel has arranged all C-cell and R-cell logic modules into
horizontal banks called Clusters. The eX devices contain
one type of Cluster, which contains two C-cells and one
R-cell.
To increase design efficiency and device performance, Actel
has further organized these modules into SuperClusters
(Figure 3 on page 4). The eX devices contain one type of
SuperClusters, which are two-wide groupings of one type of
clusters.
Figure 1 • R-Cell
Figure 2 • C-Cell
DirectConnect
Input
CLKA,
CLKB,
Internal Logic
HCLK
CKS
CKP
CLR
PSET
Y
DQ
Routed
Data Input
S0
S1
D0
D1
D2
D3
DB
A0
B0
A1
B1
Sa
Sb
Y


Similar Part No. - EX256-FCS100

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX256-FCS100 ACTEL-EX256-FCS100 Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
EX256-FCS100 ACTEL-EX256-FCS100 Datasheet
433Kb / 49P
   eX Family FPGAs
EX256-FCS100A ACTEL-EX256-FCS100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
EX256-FCS100A ACTEL-EX256-FCS100A Datasheet
433Kb / 49P
   eX Family FPGAs
EX256-FCS100I ACTEL-EX256-FCS100I Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
More results

Similar Description - EX256-FCS100

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
EX128-TQG100A ACTEL-EX128-TQG100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com