Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS470R1B1M Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470R1B1M
Description  16/32-Bit RISC Flash Microcontroller
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470R1B1M Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS470R1B1M Datasheet HTML 38Page - Texas Instruments TMS470R1B1M Datasheet HTML 39Page - Texas Instruments TMS470R1B1M Datasheet HTML 40Page - Texas Instruments TMS470R1B1M Datasheet HTML 41Page - Texas Instruments TMS470R1B1M Datasheet HTML 42Page - Texas Instruments TMS470R1B1M Datasheet HTML 43Page - Texas Instruments TMS470R1B1M Datasheet HTML 44Page - Texas Instruments TMS470R1B1M Datasheet HTML 45Page - Texas Instruments TMS470R1B1M Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
www.ti.com
SPIn Master Mode External Timing Parameters
Data Valid
SPInSOMI
SPInSIMO
SPInCLK
(clock polarity = 1)
SPInCLK
(clock polarity = 0)
Master In Data
Must Be Valid
Master Out Data Is Valid
1
2
3
4
5
6
7
TMS470R1B1M
16/32-Bit RISC Flash Microcontroller
SPNS109 – SEPTEMBER 2005
(CLOCK PHASE = 1, SPInCLK = output, SPInSIMO = output, and SPInSOMI = input)(1)(2)(3) (see Figure 14)
NO.
MIN
MAX
UNIT
1
tc(SPC)M
Cycle time, SPInCLK(4)
100
256tc(ICLK)
tw(SPCH)M
Pulse duration, SPInCLK high (clock polarity = 0)
0.5tc(SPC)M - tr
0.5tc(SPC)M + 5
2(5)
tw(SPCL)M
Pulse duration, SPInCLK low (clock polarity = 1)
0.5tc(SPC)M - tf
0.5tc(SPC)M + 5
tw(SPCL)M
Pulse duration, SPInCLK low (clock polarity = 0)
0.5tc(SPC)M - tf
0.5tc(SPC)M + 5
3(5)
tw(SPCH)M
Pulse duration, SPInCLK high (clock polarity = 1)
0.5tc(SPC)M - tr
0.5tc(SPC)M + 5
tv(SIMO-SPCH)M
Valid time, SPInCLK high after SPInSIMO data valid (clock polarity = 0)
0.5tc(SPC)M - 10
4(5)
tv(SIMO-SPCL)M
Valid time, SPInCLK low after SPInSIMO data valid (clock polarity = 1)
0.5tc(SPC)M - 10
ns
tv(SPCH-SIMO)M
Valid time, SPInSIMO data valid after SPInCLK high (clock polarity = 0)
0.5tc(SPC)M - 5 - tr
5(5)
tv(SPCL-SIMO)M
Valid time, SPInSIMO data valid after SPInCLK low (clock polarity = 1)
0.5tc(SPC)M - 5 - tf
tsu(SOMI-SPCH)M
Setup time, SPInSOMI before SPInCLK high (clock polarity = 0)
6
6(5)
tsu(SOMI-SPCL)M
Setup time, SPInSOMI before SPInCLK low (clock polarity = 1)
6
tv(SPCH-SOMI)M
Valid time, SPInSOMI data valid after SPInCLK high (clock polarity = 0)
4
7(5)
tv(SPCL-SOMI)M
Valid time, SPInSOMI data valid after SPInCLK low (clock polarity = 1)
4
(1)
The MASTER bit (SPInCTRL2.3) is set and the CLOCK PHASE bit (SPInCTRL2.0) is set.
(2)
tc(ICLK) = interface clock cycle time = 1 / f(ICLK)
(3)
For rise and fall timings, see the "Switching Characteristics for Output Timings versus Load Capacitance" table.
(4)
When the SPI is in master mode, the following must be true:
For PS values from 1 to 255: t c(SPC)M≥ (PS +1)tc(ICLK)≥ 100 ns, where PS is the prescale value set in the SPInCTL1[12:5] register bits.
For PS values of 0: tc(SPC)M = 2t c(ICLK)≥ 100 ns.
(5)
The active edge of the SPInCLK signal referenced is controlled by the CLOCK POLARITY bit (SPInCTRL2.1).
Figure 14. SPIn Master Mode External Timing (CLOCK PHASE = 1)
42


Similar Part No. - TMS470R1B1M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1B1MPGEA TI1-TMS470R1B1MPGEA Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1MPGEAR TI1-TMS470R1B1MPGEAR Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS470R1B1M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com