Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAX9129 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX9129
Description  Quad Bus LVDS Driver with Flow-Through Pinout
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX9129 Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Quad Bus LVDS Driver with
Flow-Through Pinout
_______________________________________________________________________________________
5
55
56
58
57
59
60
-40
10
-15
35
60
85
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
1.80
1.90
1.85
2.00
1.95
2.05
2.10
3.0
3.3
3.6
DIFFERENTIAL PROPAGAION DELAY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
tPHLD
tPLHD
1.60
1.80
1.70
2.00
1.90
2.10
2.20
-40
10
-15
35
60
85
DIFFERENTIAL PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
tPHLD
tPLHD
0
20
10
40
30
60
50
70
3.0
3.3
3.6
DIFFERENTIAL SKEW
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
20
40
60
80
100
-40
10
-15
35
60
85
DIFFERENTIAL SKEW
vs. TEMPERATURE
TEMPERATURE (
°C)
0.8
0.9
1.1
1.0
1.2
1.3
3.0
3.3
3.6
TRANSITION TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
tTLH
tTHL
20% TO 80%
Typical Operating Characteristics (continued)
(MAX9129EUE (TSSOP package), VCC = +3.3V, RL = 27
Ω, CL = 15pF, TA = +25°C, unless otherwise noted.) (Note 5)
0.800
0.900
0.850
1.050
1.000
0.950
1.200
1.150
1.100
1.250
-40
10
-15
35
60
85
TRANSITION TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
tTLH
tTHL
20% TO 80%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn