Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AQV212 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part No. AQV212
Description  GU (General Use) Type [1-Channel (Form A) Type]
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQV212 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  AQV212 Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQV212 Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQV212 Datasheet HTML 3Page - Nais(Matsushita Electric Works) AQV212 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AQV21r
51
2. Electrical characteristics (Ambient temperature: 25
°C 77°F)
Item
Sym-
bol
Type of
connec-
tion**
AQV212(A) AQV215(A) AQV217(A) AQV210(A) AQV214(A) AQV216(A)
AQV214H(A)
Condition
LED operate current
Typical
IFon
1 mA
1 mA
1 mA
1 mA
1 mA
1 mA
1.3 mA
IL = Max.
Maximum
3 mA
3 mA
3 mA
3 mA
3 mA
3 mA
3 mA
LED turn off current
Minimum
IFoff
0.4 mA
0.4 mA
0.4 mA
0.4 mA
0.4 mA
0.4 mA
0.4 mA
IL = Max.
Typical
0.79 mA
0.79 mA
0.79 mA
0.79 mA
0.79 mA
0.79 mA
1.2 mA
LED dropout voltage
Typical
VF
1.14 V (1.25 V at IF = 50 mA)
IF = 5 mA
Maximum
1.5 V
On resistance
Typical
Ron
A
0.83
2.3
11.0
23
30
70
30
IF = 5 mA
IL = Max.
Within 1 s on time
Maximum
2.5
4.0
15.0
35
50
120
50
Typical
Ron
B
0.44
1.15
5.5
11.5
22.5
55
22.5
IF = 5 mA
IL = Max.
Within 1 s on time
Maximum
1.25
2.0
7.5
17.5
25
100
25
Typical
Ron
C
0.25
0.6
2.8
6.0
11.3
28
11.3
IF = 5 mA
IL = Max.
Within 1 s on time
Maximum
1.63
1.0
3.8
8.8
12.5
50
12.5
Output capacitance
Typical
Cout
A
150 pF
110 pF
70 pF
45 pF
45 pF
45 pF
45 pF
IF = 0
VB = 0
f = 1 MHz
Off state leakage current
Maximum
1
µA
IF = 0
VL = Max.
Switching
speed
Turn on
time*
Typical
Ton
0.65 ms
0.6 ms
0.25 ms
0.25 ms
0.21 ms
0.28 ms
0.6 ms
IF= 5 mA**
lL=Max.
Maximum
2 ms
2 ms
1.0 ms
0.5 ms
0.5 ms
0.5 ms
0.8 ms
Turn off
time*
Typical
Toff
0.08 ms
0.06 ms
0.05 ms
0.05 ms
0.05 ms
0.04 ms
0.05 ms
IF = 5 mA
IL = Max.
Maximum
0.2 ms
0.2 ms
0.2 ms
0.2 ms
0.2 ms
0.2 ms
0.2 ms
I/O capacitance
Typical
Ciso
0.8 pF
f = 1 MHz
VB = 0
Maximum
1.5 pF
Initial I/O isolation
resistance
Minimum
Riso
1,000 M
500 V DC
Note: Recommendable LED forward current
Standard type: 5 mA
Reinforced type: 5 to 10 mA
*Turn on/Turn off time
s For Dimensions, see Page 27.
s For Schematic and Wiring Diagrams, see Page 31.
s For Cautions for Use, see Page 36.
Ton
Input
Output
10%
90%
Toff
REFERENCE DATA
1-(1). Load current vs. ambient temperature
characteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F
Type of connection: A
1-(2). Load current vs. ambient temperature
characteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F
Type of connection: A
2-(1). On resistance vs. ambient temperature
characteristics
Measured portion: between terminals 4 and 6;
LED current: 5 mA; Load voltage: Max. (DC)
Continuous load current: Max. (DC)
0
0.2
0.3
0.4
0.5
0.7
0.6
020
40
60
–20
8085 100
–40
0.1
AQV212
AQV215
AQV217
Ambient temperature,
°C
0
40
60
80
100
140
120
020
40
60
–20
8085 100
–40
AQV210
20
AQV214(H)
AQV216
Ambient temperature,
°C
0
1
2
3
4
–40
5
0
–20
20
40
60
8085
AQV212
AQV215
Ambient temperature,
°C
For type of connection, see page 31.


Similar Part No. - AQV212

ManufacturerPart No.DatasheetDescription
Panasonic Semiconductor
Panasonic Semiconductor
AQV212 PANASONIC-AQV212 Datasheet
123Kb / 4P
   Controls low-level input signals. Controls load voltage 60V to 600V.
AQV212A PANASONIC-AQV212A Datasheet
123Kb / 4P
   Controls low-level input signals. Controls load voltage 60V to 600V.
AQV212AX PANASONIC-AQV212AX Datasheet
123Kb / 4P
   Controls low-level input signals. Controls load voltage 60V to 600V.
AQV212AZ PANASONIC-AQV212AZ Datasheet
123Kb / 4P
   Controls low-level input signals. Controls load voltage 60V to 600V.
Nais(Matsushita Electric Works)
Nais(Matsushita Electri...
AQV212S NAIS-AQV212S Datasheet
44Kb / 3P
   GU (General Use) Type SOP Series [1-Channel (Form A) Type]
More results

Similar Description - AQV212

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
Nais(Matsushita Electric Works)
Nais(Matsushita Electri...
AQW212 NAIS-AQW212 Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
AQV212S NAIS-AQV212S Datasheet
44Kb / 3P
   GU (General Use) Type SOP Series [1-Channel (Form A) Type]
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
   GU (General Use) Type [2-Channel (Form A Form B) Type]
AQW210EH NAIS-AQW210EH Datasheet
50Kb / 3P
   GU (General Use)-E Type 2-Channel (Form A) Type
AQY210EH NAIS-AQY210EH Datasheet
44Kb / 3P
   GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
List of Unclassifed Manufacturers
List of Unclassifed Man...
AQW414 ETC-AQW414 Datasheet
39Kb / 2P
   GU (General Use) Type [2-Channel (Form B) Type]
Nais(Matsushita Electric Works)
Nais(Matsushita Electri...
AQY210 NAIS-AQY210 Datasheet
37Kb / 3P
   GU (General Use) Type SOP Series 1- Channel (Form A) 4-Pin Type
Panasonic Battery Group
Panasonic Battery Group
AQY280EHAX PANASONICBATTERY-AQY280EHAX Datasheet
146Kb / 4P
   GU (General Use) Type [1, 2-Channel (Form A) 4, 8-Pin Type]
Nais(Matsushita Electric Works)
Nais(Matsushita Electri...
AQY410EH NAIS-AQY410EH Datasheet
49Kb / 3P
   GU (General Use)-E Type 1-Channel (Form B) 4-pin Type
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz