Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA205 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TA205
Description  Power Chip Resistors Thick Film on Alumina Substrate
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TA205 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TA205 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
50
Ohmite Mfg. Co. 1600 Golf Rd., Suite 850, Rolling Meadows, IL 60008 • Tel. 1-866-9-OHMITE • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite Mfg. Co.
S T O C K P A R T N U M B E R S F O R S T A N D A R D R E S I S T A N C E V A L U E S
O R D E R I N G I N F O R M A T I O N
Part Number
Part No.
Prefix 
Suffix
Part Number
Part No.
Prefix 
Suffix
Part Number
Part No.
Prefix 
Suffix
TA Series
Power Chip® Resistors
Thick Film on Alumina Substrate
Dimensions (in. / mm
Dimensions (in. /
Dimensions (in. /
)
Series
Wattage
P
Length L
Height H
TA203
TA203
3.0
3.0
0.200 /
0.200 / 5.08
5.08
5.08
5.08
0.50 /
0.50 / 12.70
12.70
0.60 /
0.60 / 15.24
15.24
TA303
3.0
0.300 / 7.62
7.62
7.62
0.50 / 12.70
0.60 / 15.24
TA205
TA205
5.0
5.0
0.200 /
0.200 / 5.08
5.08
5.08
5.08
0.50 /
0.50 / 12.70
12.70
1.00 /
1.00 / 25.40
25.40
TA305
5.0
0.300 / 7.62
7.62
7.62
0.50 / 12.70
1.00 / 25.40
TA605
TA605
5.0
5.0
0.600 /
0.600 / 15.24
15.24
15.24
15.24
1.00 /
1.00 / 25.40
25.40
0.50 /
0.50 / 12.70
12.70
TA805
5.0
0.800 / 20.32
20.32
20.32
1.00 / 25.40
0.50 / 12.70
TA207
TA207
7.5
7.5
0.200 /
0.200 / 5.08
5.08
5.08
5.08
0.75 /
0.75 / 19.05
19.05
1.00 /
1.00 / 25.40
25.40
TA307
7.5
0.300 / 7.62
7.62
7.62
0.75 / 19.05
1.00 / 25.40
TA310
TA310
10.0
10.0
0.300 /
0.300 / 7.62
7.62
7.62
7.62
1.00 /
1.00 / 25.40
25.40
1.00 /
1.00 / 25.40
25.40
TA810
10.0
0.800 / 20.32
20.32
20.32
1.00 / 25.40
1.00 / 25.40
TA025
TA025
25.0
25.0
1.90 /
1.90 / 48.3
48.3
48.3
48.3
2.220 /
2.220 / 56.39
56.39
1.170 /
1.170 / 29.70
29.70
TA050
50.0
1.90 / 48.3
48.3
48.3
2.220 / 56.39
2.270 / 57.60
TA100
TA100
100.0
100.0
4.10 /
4.10 / 104.1
104.1
4.420 /
4.420 / 112.27
2.270 /
2.270 / 57.60
57.60
H
0.020" /
0.51 mm typ.
P
L
0.150" /
3.8 mm ref.
0.200" /
5.08 mm
0.050" /
1.27 mm dia. finished pins
0.070" /
1.78 mm
0.040" /
1.02 mm
0.240" /
6.10 mm
0.300" /
7.62 mm
0.040" /
1.02 mm typ.
Solder-coated
phosphor bronze
3, 5, 7.5
& 10 watt
25, 50
& 100 watt
P
L
0.07"/1.78mm
H
0.17"/4.32mm
0.10"/2.54mm
0.
0.
0.02" x 0.015" Pins
PC board
Ohmite’s original Power Chip
resistors are designed from our
thick film on alumina substrate
technology. These planar pack-
ages yield space saving, 10W/
in2 power densities that require
over 50% less board space
than other radial packages.
Convection cooling is maxi-
mized by the planar package
configuration which dissipates
heat well above board level.
Ohmite’s power chip resis-
tors have a 125% higher oper-
ating temperature range than
competitive product of similar
design. High temperature
solder and in-process plat-
ing keep terminations secure
under self-heating effects by
preventing re-flow from full
power operation.
Flexible packaging schemes
make these resistors ideal for
power supplies, audio ampli-
fiers, video fly-back, and other
power control applications.
FEATURES
• High-Temp Terminal Construction
• Wide Resistance Range
• Low Inductance (50nH-100nH)
• High Power Density
• Easy to install. PC-mountable
SPECIFICATIONS
Material
Substrate: Alumina
Resistor: Thick Film
Coating: Glass
Terminals: Solder Plated
Phosphor Bronze
Thermal Conductivity:
20 Watts/Meter/°C
Temperature Coefficient:
1 ohm
450 ppm/°C
1 to 100
100 ppm/°C
101
Ω and up
50 ppm/°C
Electrical
Tolerance: ±1% and ±5% (other
tolerances available)
Power Rating: Based on 25°C
free air
Resistance Range: 0.5 ohm to
10M ohm. Consult factory for
other values
Maximum Operating Voltage:
350 VAC, 500 VDC through
glass, 1000 VAC, 1500 VDC
through substrate
Overload: Five times rated power,
as long as the one second aver-
age dissipation does not exceed
the wattage rating.
∆R: ±2%, 2000 hours
Derating:
100% @ 25°C to 0% @ 350°C.
Power Rating:
03 = 3 W
05 = 5
07 = 7.5
10 = 10
025 = 25
050 = 50
100 = 100
� � � � � � � � � � �
Series
Tolerance
K = 10%
J = 5%
F = 1%
Package:
PA = pin terminals,
std. for 3-10 W
PW = wraparound,
std. for 25-100 W
Resistance Value (
Ω)
R250 = 0.25
10R0 = 10.0
2K00 = 2,000
45K0 = 45,000
Pin spacing
(on 3-10W models only)
2 = .2"
3 = .3"
8 = .8"
E = RoHS compliant
Available Jan. 2006
0.25
R250J   
1.00
1R00J
      
1.50
1R50J         
2.00
2R00J      
4.70
4R70J          
5.00
5R00J         
5.10
5R10J         
7.50
7R50J         
8.20
8R20J         
10.00
10ROJ
       
11.00
11R0J         
12.00
12R0J         
15.00
15R0J        
20.00
20R0J        
24.00
24R0J         
27.00
27R0J        
33.00
33R0J         
47.00
47R0J       
50.00
50R0J
       
62.00
62R0J         
68.00
68R0J    
   
75.00
75R0J         
100.00
100RJ  
   
150.00
150RJ         
200.00
200RJ
       
250.00
250RJ         
270.00
270RJ    
   
300.00
300RJ       
470.00
470RJ
   
500.00
560
      
620.00
620RJ         
680.00
680RJ         
1,000.00
1K00J  
   
1,500.00
1K50J    
   
1,800.00
1K80J         
2,000.00
2K00J        
2,500.00
2K50J         
3,000.00
3K00J        
4,000.00
4K00J         
4,700.00
4K70J          
5,000.00
5,000.00
5K00J         
5,100.00
5K10J        
7,500.00
7K50J        
10,000.00 –––10K0J        
15,000.00 –––15K0J         
18,000.00
18,000.00 –––18K0J       
20,000.00
20K0J        
30,000.00
30K0J         
39,000.00
39K0J         
50,000.00
50K0J         
75,000.00 –––75K0J         
100,000
–––100KJ          
150,000
–––150KJ         
200,000
200KJ         
= Most popular stock values,  = Stock values,  = Non-stock values subject to minimum handling charge per item


Similar Part No. - TA205

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TA205 OHMITE-TA205 Datasheet
239Kb / 2P
   Power Chip짰 Thick Film on Alumina Substrate
TA205 OHMITE-TA205 Datasheet
333Kb / 2P
   High Power Density
logo
Toshiba Semiconductor
TA2050 TOSHIBA-TA2050 Datasheet
415Kb / 11P
   GROUND ISOLATOR IC
logo
Transko Electronics, In...
TA20502AV TRANSKO-TA20502AV Datasheet
599Kb / 4P
   205.00 MHz IF SAW Filter / 2.26 MHz Bandwidth
Revision 0: 02. Feb. 2008
TA20504AV TRANSKO-TA20504AV Datasheet
614Kb / 4P
   205.00 MHz IF SAW Filter / 4.80 MHz Bandwidth
Revision 0: 06. Feb. 2008
More results

Similar Description - TA205

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TA203PA4K50KE OHMITE-TA203PA4K50KE Datasheet
129Kb / 1P
   Power Chip Thick Film on Alumina Substrate
TA810PW100RJE OHMITE-TA810PW100RJE Datasheet
239Kb / 2P
   Power Chip짰 Thick Film on Alumina Substrate
TP810PW10R0JE OHMITE-TP810PW10R0JE Datasheet
204Kb / 2P
   High Energy Thick Film on Alumina Substrate
RES-MC1RD OHMITE-RES-MC1RD Datasheet
176Kb / 1P
   Thick film on Alumina
TC010PA OHMITE-TC010PA Datasheet
89Kb / 1P
   PECOS Resistors Thick Film on Porcelainized Steel Substrate
TC025PA5R00JE OHMITE-TC025PA5R00JE Datasheet
89Kb / 1P
   PECOS Resistors Thick Film on Porcelainized Steel Substrate
logo
Vishay Siliconix
RCP VISHAY-RCP Datasheet
95Kb / 4P
   Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate
Revision: 13-Dec-16
logo
WALSIN TECHNOLOGY CORPO...
WR18X WALSIN-WR18X Datasheet
608Kb / 7P
   Thick Film Power Chip Resistors
WR18X_TR WALSIN-WR18X_TR Datasheet
205Kb / 7P
   Thick Film Power Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com