Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62359P Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. M62359P
Description  8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M62359P Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
(
/ 6 )
ELECTRIC
MITSUBISHI
M62359P,FP
MITSUBISHI<Dig.Ana.INTERFACE>
8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
4
TIMING CHART
tDCH
tCHD
tCKL
tCKH
tCR
tCF
tLDC
tLDH
tCHL
tLDD
tDO
CLK
DI
LD
D-A
OUTPUT
DO
OUTPUT
ns
AC CHARACTERISTICS(Ta=25°C,Vcc=13V,VDD=VrefU=5V,VrefL=0V,unless otherwise noted)
Symbol
Unit
Clock "L"pulse width
tCR
Clock rise time
tCKL
Parameter
Test conditions
tCKH
tCF
tDCH
tCHD
tCHL
Limits
Min
Typ
Max
tLDC
tLDH
tDO
LD "H" pulse width
Data output delay time
tLDD
Data output setting time
ns
ns
ns
ns
ns
ns
ns
ns
ns
200
200
200
200
60
100
200
100
100
70
350
Clock "H"pulse width
Clock fall time
Data set up time
Data hold time
LD setup time
LD hold time
CL=100pF
Without load
300
µs


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M62381FP8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62393P8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62353P8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62399P8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62367GP3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62333P8-BIT 3CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62334P8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62342P8-BIT 2CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62343P8-BIT 3CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62392P8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn