Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1002-20DMB Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1002-20DMB
Description  256K x 4 Static RAM with Separate I/O
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1002-20DMB Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY7C1002-20DMB Datasheet HTML 1Page - Cypress Semiconductor CY7C1002-20DMB Datasheet HTML 2Page - Cypress Semiconductor CY7C1002-20DMB Datasheet HTML 3Page - Cypress Semiconductor CY7C1002-20DMB Datasheet HTML 4Page - Cypress Semiconductor CY7C1002-20DMB Datasheet HTML 5Page - Cypress Semiconductor CY7C1002-20DMB Datasheet HTML 6Page - Cypress Semiconductor CY7C1002-20DMB Datasheet HTML 7Page - Cypress Semiconductor CY7C1002-20DMB Datasheet HTML 8Page - Cypress Semiconductor CY7C1002-20DMB Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CY7C1001
CY7C1002
PRELIMINARY
6
Truth Table
CE
WE
O0 - O3
Mode
Power
H
X
High Z
PowerDown
Standby (ISB)
L
H
Data Out
Read
Active (ICC)
L
L
High Z
7C1002: Standard Write
Active (ICC)
L
L
Input Tracking
7C1001: Transparent Write[15]
Active (ICC)
Note:
15. Outputs track inputs after specified delay.
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
12
CY7C1001-12PC
P31
32Lead (300Mil) Molded DIP
Commercial
CY7C1001-12VC
V32
32Lead (300Mil) Molded SOJ
15
CY7C1001-15PC
P31
32Lead (300Mil) Molded DIP
Commercial
CY7C1001-15VC
V32
32Lead (300Mil) Molded SOJ
CY7C1001-15DMB
D32
32Lead (300Mil) CerDIP
Military
20
CY7C1001-20PC
P31
32Lead (300Mil) Molded DIP
Commercial
CY7C1001-20VC
V32
32Lead (300Mil) Molded SOJ
CY7C1001-20DMB
D32
32Lead (300Mil) CerDIP
Military
25
CY7C1001-25DC
P31
32Lead (300Mil) Molded DIP
Commercial
CY7C1001-25VC
V32
32Lead (300Mil) Molded SOJ
CY7C1001-25DMB
D32
32Lead (300Mil) CerDIP
Military
Contact factory for L" version availability.
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
12
CY7C1002-12PC
P31
32Lead (300Mil) Molded DIP
Commercial
CY7C1002-12VC
V32
32Lead (300Mil) Molded SOJ
15
CY7C1002-15PC
P31
32Lead (300Mil) Molded DIP
Commercial
CY7C1002-15VC
V32
32Lead (300Mil) Molded SOJ
CY7C1002-15DMB
D32
32Lead (300Mil) CerDIP
Military
20
CY7C1002-20PC
P31
32Lead (300Mil) Molded DIP
Commercial
CY7C1002-20VC
V32
32Lead (300Mil) Molded SOJ
CY7C1002-20DMB
D32
32Lead (300Mil) CerDIP
Military
25
CY7C1002-25PC
P31
32Lead (300Mil) Molded DIP
Commercial
CY7C1002-25VC
V32
32Lead (300Mil) Molded SOJ
CY7C1002-25DMB
D32
32Lead (300Mil) CerDIP
Military
Contact factory for L" version availability.


Similar Part No. - CY7C1002-20DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1006B CYPRESS-CY7C1006B Datasheet
161Kb / 10P
   256K x 4 Static RAM
CY7C1006B-12VC CYPRESS-CY7C1006B-12VC Datasheet
161Kb / 10P
   256K x 4 Static RAM
CY7C1006B-15VC CYPRESS-CY7C1006B-15VC Datasheet
161Kb / 10P
   256K x 4 Static RAM
CY7C1006B-15VI CYPRESS-CY7C1006B-15VI Datasheet
161Kb / 10P
   256K x 4 Static RAM
CY7C1006B-20VC CYPRESS-CY7C1006B-20VC Datasheet
161Kb / 10P
   256K x 4 Static RAM
More results

Similar Description - CY7C1002-20DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C192 CYPRESS-CY7C192 Datasheet
175Kb / 10P
   64K x 4 Static RAM with Separate I/O
CY7C192 CYPRESS-CY7C192_06 Datasheet
252Kb / 8P
   64K x 4 Static RAM with Separate I/O
logo
National Semiconductor ...
MM2101 NSC-MM2101 Datasheet
252Kb / 3P
   1024-bit (256 x 4) static MOS RAM with separate I/O
logo
Toshiba Semiconductor
TC554101J-20 TOSHIBA-TC554101J-20 Datasheet
433Kb / 8P
   1,048,576 WORD x 4 BIT SEPARATE I/O CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
   256K x 4 Static RAM
CY7C106B CYPRESS-CY7C106B Datasheet
161Kb / 10P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN Datasheet
363Kb / 8P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN_11 Datasheet
406Kb / 9P
   256K x 4 Static RAM
logo
Motorola, Inc
MCM67Q709A MOTOROLA-MCM67Q709A Datasheet
139Kb / 10P
   128K x 9 Bit Separate I/O Synchronous Fast Static RAM
MCM67Q909 MOTOROLA-MCM67Q909 Datasheet
139Kb / 10P
   512K x 9 Bit Separate I/O Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com