Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMC-PHB9-TX5J5 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # ASMC-PHB9-TX5J5
Description  Envisium Power PLCC-4 Surface Mount LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ASMC-PHB9-TX5J5 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  ASMC-PHB9-TX5J5 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ASMC-PHB9-TX5J5 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ASMC-PHB9-TX5J5 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ASMC-PHB9-TX5J5 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ASMC-PHB9-TX5J5 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ASMC-PHB9-TX5J5 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ASMC-PHB9-TX5J5 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ASMC-PHB9-TX5J5 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ASMC-PHB9-TX5J5 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Device Selection Guide
Total Flux FV
Test
Intensity
Min. IV
Max. IV
(mlm)[2,3]
Current
Dice
Color
Part Number
Bin
(mcd)
(mcd)
Typ.
(mA)
Technology
V1
630.00
1000.00
2600.00
Red
ASMC-PRB9-TV005
V2
790.00
1260.00
3300.00
50
AlInGaP
W1
1000.00
1600.00
-
W1
1000.00
1600.00
4300.00
Red Orange
ASMC-PHB9-TW005
W2
1200.00
2020.00
5000.00
50
AlInGaP
X1
1580.00
2500.00
-
V1
630.00
1000.00
3000.00
Amber
ASMC-PAB9-TV005
V2
790.00
1260.00
3800.00
50
AlInGaP
W1
1000.00
1600.00
-
Notes:
1. The luminous intensity, IV, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern may not be
aligned with this axis.
2. FV is the total luminous flux output as measured with an integrating sphere after the device has stabilized.
3. Flux tested at mono pulse conditions.
Package Dimensions
0.8
± 0.3
3.5
± 0.2
2.8
± 0.2
0.5
± 0.1
3.2
± 0.2
2.2
± 0.2
1.9
± 0.2
0.1 TYP.
0.8
± 0.1
CATHODE MARKING
NOTE: ALL DIMENSIONS IN mm.
AC
CC
0.7
± 0.1


Similar Part No. - ASMC-PHB9-TX5J5

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PHB9-TXXX5 AVAGO-ASMC-PHB9-TXXX5 Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
More results

Similar Description - ASMC-PHB9-TX5J5

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PXB9-TXXXX AVAGO-ASMC-PXB9-TXXXX Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
logo
Broadcom Corporation.
ASMC-PRB9-TV005 BOARDCOM-ASMC-PRB9-TV005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-QXB2-TXXXX AVAGO-ASMC-QXB2-TXXXX Datasheet
354Kb / 9P
   Envisium 0.5W Power PLCC-4 Surface Mount LED Indicator
logo
Fairchild Semiconductor
QTLP673C FAIRCHILD-QTLP673C Datasheet
139Kb / 9P
   SURFACE MOUNT LED LAMP POWER PLCC-4
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB0-0XXXX AVAGO-ASMT-QTB0-0XXXX Datasheet
659Kb / 10P
   PLCC-4 Surface Mount Tricolor LED
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QBBC-NACXE AVAGO-ASMT-QBBC-NACXE Datasheet
172Kb / 9P
   Super 0.5W Power PLCC-4 Surface Mount LED Indicator
ASMT-QXB2-FXXXX AVAGO-ASMT-QXB2-FXXXX Datasheet
278Kb / 9P
   Super 0.5 W Power PLCC-4 Surface Mount LED Indicator
ASMT-QWB2-NXXXX AVAGO-ASMT-QWB2-NXXXX Datasheet
365Kb / 8P
   Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com