Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPO5DB4R7M Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # NPO5DB4R7M
Description  1MHz 1.2A Buck DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

NPO5DB4R7M Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button NPO5DB4R7M Datasheet HTML 6Page - Advanced Analogic Technologies NPO5DB4R7M Datasheet HTML 7Page - Advanced Analogic Technologies NPO5DB4R7M Datasheet HTML 8Page - Advanced Analogic Technologies NPO5DB4R7M Datasheet HTML 9Page - Advanced Analogic Technologies NPO5DB4R7M Datasheet HTML 10Page - Advanced Analogic Technologies NPO5DB4R7M Datasheet HTML 11Page - Advanced Analogic Technologies NPO5DB4R7M Datasheet HTML 12Page - Advanced Analogic Technologies NPO5DB4R7M Datasheet HTML 13Page - Advanced Analogic Technologies NPO5DB4R7M Datasheet HTML 14Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AAT1157
1MHz 1.2A Buck DC/DC Converter
10
1157.2005.11.1.4
Where I
Q is the AAT1157 quiescent current.
Once the total losses have been determined, the
junction temperature can be derived from the
θ
JA for
the QFN package. Close attention should be paid to
the proper layout for the QFN package. Proper size
and placement of thermal routing vias below the
central paddle is necessary for good heat transfer to
other PCB layers and their ground planes. The
θ
JA
for the QFN package with no connection to the cen-
tral paddle is 50°C/W. The actual
θ
JA will vary with
the number and type of vias. The PCB board size,
number of board layers, and ground plane charac-
teristics also influence the
θ
JA. A good thermal con-
nection from the paddle to the PCB ground plane
layers can significantly reduce
θ
JA.
Adjustable Output
Resistors R3 and R4, as shown in Figure 1, force
the output to regulate higher than the 0.6V refer-
ence voltage level. The optimum value for R4 is
59k
Ω. Values higher than this can cause stability
problems, while lower values can degrade light
load efficiency. For a 2.5V output with R4 set to
59k
Ω, R3 is 187kΩ.
Table 1: Suggested Component Values.
Buck-Boost Output
Figure 4 shows how to configure the AAT1157 in a
buck boost configuration with an external MOSFET
and Schottky diode.
The converter has a 3.3V
600mA output with an input voltage ranging from
2.7V to 5.5V.
Output
Output
R3 for
Voltage
L1
Capacitor
R4 = 59k
(V)
(µH)
(C3-C4) (µF)
(k
Ω)
0.8
1.5 - 2.6
3x 22
19.6
1.0
1.5 - 3.3
2x 22
39.2
1.2
2.2 - 3.3
2x 22
59
1.5
2.2 - 4.7
2x 22
88.7
1.8
3.0 - 4.7
2x 22
118
2.5
3.0 - 4.7
2x 22
187
3.3
2.2 - 4.7
22
267
⎛⎞
⎝⎠
R3 =
-1 · R4 =
- 1 · 59k
Ω = 187kΩ
V
O
V
REF
⎛⎞
⎝⎠
2.5V
0.6V
T
J = P ·
Θ
JA + TAMB
I
O
2
⋅ (R
DSON(HS)
⋅ V
O + RDSON(LS)
⋅ (V
IN - VO))
P =
V
IN
+ (t
sw
⋅ F ⋅ I
O
⋅ V
IN + IQ)
⋅ V
IN
Figure 4: AAT1157 Buck Boost Converter.
3.0
µH
L1
22
µF
C1
100
R1
0.1
µF
C2
C1 Murata 22
µF 10V X7R 1210 GRM32ER71A226KE20L
C3,C4 MuRata 22
µF 6.3V X5R 0805 GRM21BR60J226ME39L
L1 Sumida CDRH5D28-3R0
LX
14
N/C
6
EN
7
VCC
9
VP
10
N/C
8
LX
13
PGND
PGND
PGND
3
VP
12
VP
11
OUT
4
LX
15
2
1
SGND
5
N/C
16
AAT1157
U1
267k
R2
59.0k
R3
Si2302ADS
Q1
MBRM120L
D1
2x 22
µF
C3,C4
VIN 2.7V to 5.5V
VO 3.3V/600mA


Similar Part No. - NPO5DB4R7M

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
NPO5DB4R7M SKYWORKS-NPO5DB4R7M Datasheet
1Mb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
More results

Similar Description - NPO5DB4R7M

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN28 SIGE-AATIAN28 Datasheet
130Kb / 6P
   1MHz 2.5A Buck DC/DC Converter
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154 Datasheet
482Kb / 18P
   1MHz 3A Buck DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3423 BCDSEMI-AP3423 Datasheet
408Kb / 10P
   1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
logo
Diodes Incorporated
AP3441 DIODES-AP3441_V01 Datasheet
776Kb / 13P
   1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 3 - 2 September 2019
logo
List of Unclassifed Man...
MBI6650 ETC2-MBI6650 Datasheet
491Kb / 15P
   1.2A DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3407,A BCDSEMI-AP3407,A Datasheet
336Kb / 11P
   1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
Shenzhen Huazhimei Semi...
HM3107 HMSEMI-HM3107 Datasheet
666Kb / 10P
   1.2A 180KHz 70V Buck DC to DC Converter HM3107
logo
Global Mixed-mode Techn...
G5692 GMT-G5692 Datasheet
90Kb / 1P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1528 GMT-AT1528 Datasheet
178Kb / 2P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1530 GMT-AT1530 Datasheet
92Kb / 1P
   1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com