Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPO5DB4R7M Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # NPO5DB4R7M
Description  1MHz 1.2A Buck DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

NPO5DB4R7M Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button NPO5DB4R7M Datasheet HTML 2Page - Advanced Analogic Technologies NPO5DB4R7M Datasheet HTML 3Page - Advanced Analogic Technologies NPO5DB4R7M Datasheet HTML 4Page - Advanced Analogic Technologies NPO5DB4R7M Datasheet HTML 5Page - Advanced Analogic Technologies NPO5DB4R7M Datasheet HTML 6Page - Advanced Analogic Technologies NPO5DB4R7M Datasheet HTML 7Page - Advanced Analogic Technologies NPO5DB4R7M Datasheet HTML 8Page - Advanced Analogic Technologies NPO5DB4R7M Datasheet HTML 9Page - Advanced Analogic Technologies NPO5DB4R7M Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AAT1157
1MHz 1.2A Buck DC/DC Converter
6
1157.2005.11.1.4
Typical Characteristics
Load Transient Response
(400mA-1.2A; VIN = 3.3V; VOUT = 2.5V)
Time (20
µµs/div)
-0.16
-0.13
-0.10
-0.07
-0.04
-0.01
0.02
0.05
0.08
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
400mA
1.2A
Line Transient
(IOUT = 1.2A; VO = 2.5V)
Time (25
µµs/div)
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
-0.08
-0.04
0.00
0.04
0.08
0.12
0.16
0.20
0.24
Output Ripple
(VOUT = 2.5V; IOUT = 1.2A; VIN = 3.6V)
Time (500ns/div)
-0.06
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0
0.5
1
1.5
2
2.5
3
Soft Start
(VOUT = 2.5V; IOUT = 1.2A; VIN = 3.6V)
Time (250
µµs/div)
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5


Similar Part No. - NPO5DB4R7M

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
NPO5DB4R7M SKYWORKS-NPO5DB4R7M Datasheet
1Mb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
More results

Similar Description - NPO5DB4R7M

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN28 SIGE-AATIAN28 Datasheet
130Kb / 6P
   1MHz 2.5A Buck DC/DC Converter
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154 Datasheet
482Kb / 18P
   1MHz 3A Buck DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3423 BCDSEMI-AP3423 Datasheet
408Kb / 10P
   1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
logo
Diodes Incorporated
AP3441 DIODES-AP3441_V01 Datasheet
776Kb / 13P
   1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 3 - 2 September 2019
logo
List of Unclassifed Man...
MBI6650 ETC2-MBI6650 Datasheet
491Kb / 15P
   1.2A DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3407,A BCDSEMI-AP3407,A Datasheet
336Kb / 11P
   1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
Shenzhen Huazhimei Semi...
HM3107 HMSEMI-HM3107 Datasheet
666Kb / 10P
   1.2A 180KHz 70V Buck DC to DC Converter HM3107
logo
Global Mixed-mode Techn...
G5692 GMT-G5692 Datasheet
90Kb / 1P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1528 GMT-AT1528 Datasheet
178Kb / 2P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1530 GMT-AT1530 Datasheet
92Kb / 1P
   1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com