Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

444100-000 Datasheet(PDF) 32 Page - TE Connectivity Ltd

Part # 444100-000
Description  Raychem Application Tooling
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

444100-000 Datasheet(HTML) 32 Page - TE Connectivity Ltd

Back Button 444100-000 Datasheet HTML 28Page - TE Connectivity Ltd 444100-000 Datasheet HTML 29Page - TE Connectivity Ltd 444100-000 Datasheet HTML 30Page - TE Connectivity Ltd 444100-000 Datasheet HTML 31Page - TE Connectivity Ltd 444100-000 Datasheet HTML 32Page - TE Connectivity Ltd 444100-000 Datasheet HTML 33Page - TE Connectivity Ltd 444100-000 Datasheet HTML 34Page - TE Connectivity Ltd 444100-000 Datasheet HTML 35Page - TE Connectivity Ltd 444100-000 Datasheet HTML 36Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
PAGE 32
AEROSPACE, DEFENSE & MARINE /// APPLICATION TOOLING
Raychem Underwater
Cable Splice (UWCS) Kit
CONVENIENT
• Portable
• Available in 110 V and 240 V
• Full range of spares available
FOR INSTALLING HIGH
PERFORMANCE SPLICES
• Splices tested to 86 bar
(on specified cables)
• Splices operating temperature range:
-55°C to +95°C
• Kit: NATO Codified (110 V option)
Raychem Underwater Cable Splice Kit
Tool is used for jointing of TE specified polyethylene
jacketed cables.
UWCS-AT3535-110V
UWCS-AT3535-220V
The Raychem underwater cable splice (UWCS) from
TE is suitable for jointing of TE specified polyethylene jacketed
cables, which are subject to water immersion and pressure.
The splice consists of molded polyethylene inserts, which are
encased in a heat recoverable sleeve. The joint is placed in
a
purpose-made oven, which melts the joint components with
the cable jacket and, when cooled, gives a water- and
pressure-tight joint with the insulated conductor connections
embedded within it.
Specifications
ELECTRIC
110 V
240 V
ROHS Information can be found at the following
website: http://www.te.com/customersupport/
productcompliance/
This product must not be disposed of as
municipal waste.
TOOL KITS
Voltage
Description
Part No.
110 V
UWCS-AT3535-110V
921209-000
240 V
UWCS-AT3535-220V
866776-000


Similar Part No. - 444100-000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4441 ETC-4441 Datasheet
137Kb / 1P
   DELAY MODULES,TTL,SURFACE MOUNTED
logo
YAGEO Corporation
444164 YAGEO-444164 Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
4441AUB ETC1-4441AUB Datasheet
120Kb / 2P
   CMOS QUAD BUFFER - DRIVER
logo
Belden Inc.
4441FE BELDEN-4441FE Datasheet
157Kb / 2P
   Security & Sound, 2 Pairs 20 AWG BC, LSZH, Shielded, Eca
08-25-2023
More results

Similar Description - 444100-000

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-1773452-8 TEC-2-1773452-8 Datasheet
2Mb / 8P
   APPLICATION TOOLING FOR RAYCHEM HEAT SHRINK PRODUCTS FROM TE CONNECTIVITY
logo
Molex Electronics Ltd.
0634441216 MOLEX11-0634441216 Datasheet
28Kb / 1P
   Application Tooling
0634460705 MOLEX11-0634460705 Datasheet
54Kb / 1P
   Application Tooling
69012-0960 MOLEX11-69012-0960 Datasheet
36Kb / 1P
   Application Tooling
logo
List of Unclassifed Man...
SJ4F-71GF-M3.0 ETC2-SJ4F-71GF-M3.0 Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
Molex Electronics Ltd.
0690080229 MOLEX11-0690080229 Datasheet
35Kb / 1P
   Application Tooling
57823-5000 MOLEX11-57823-5000 Datasheet
23Kb / 1P
   Application Tooling
57824-5000 MOLEX11-57824-5000 Datasheet
24Kb / 1P
   Application Tooling
0634453210 MOLEX11-0634453210 Datasheet
29Kb / 1P
   Application Tooling
0634461904 MOLEX11-0634461904 Datasheet
54Kb / 1P
   Application Tooling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com