Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1157IVN-T1 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT1157IVN-T1
Description  1MHz 1.2A Buck DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1157IVN-T1 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT1157IVN-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1157IVN-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1157IVN-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1157IVN-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1157IVN-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1157IVN-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1157IVN-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1157IVN-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1157IVN-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AAT1157
1MHz 1.2A Buck DC/DC Converter
1157.2005.11.1.4
5
Typical Characteristics
Frequency vs. Input Voltage
(VOUT = 1.8V)
Input Voltage (V)
1.2
1.22
1.24
1.26
1.28
1.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Output Voltage vs. Temperature
(VIN = 3.6V; VOUT = 2.5V; IOUT = 1.0A)
Temperature (
°°C)
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
-40
-20
0
20
40
60
80
100
N-Channel R
DSON vs. Input Voltage
Input Voltage (V)
0
20
40
60
80
100
120
140
160
180
200
2.5
3
3.5
4
4.5
5
5.5
120
°C
100
°C
25
°C
85
°C
P-Channel R
DSON vs. Input Voltage
Input Voltage (V)
0
20
40
60
80
100
120
140
160
180
200
2.5
3
4
3.5
4.5
5
5.5
120
°C
100
°C
25
°C
85
°C
DC Regulation
(VOUT = 2.5V)
Output Current (mA)
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
1
10
100
1000
10000
VIN = 3.0V
VIN = 3.3V
VIN = 3.6V
No Load Supply Current vs. Input Voltage
Input Voltage (V)
0
50
100
150
200
250
300
2.5
3
4
3.5
4.5
5.5
5
-40
°C
25
°C
85
°C


Similar Part No. - AAT1157IVN-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1150 ANALOGICTECH-AAT1150 Datasheet
279Kb / 16P
   1MHz 1A Step-Down DC/DC Converter
AAT1150 ANALOGICTECH-AAT1150 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1150IKS-1.0-T1 ANALOGICTECH-AAT1150IKS-1.0-T1 Datasheet
279Kb / 16P
   1MHz 1A Step-Down DC/DC Converter
AAT1150IKS-1.0-T1 ANALOGICTECH-AAT1150IKS-1.0-T1 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1150IKS-1.5-T1 ANALOGICTECH-AAT1150IKS-1.5-T1 Datasheet
279Kb / 16P
   1MHz 1A Step-Down DC/DC Converter
More results

Similar Description - AAT1157IVN-T1

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN28 SIGE-AATIAN28 Datasheet
130Kb / 6P
   1MHz 2.5A Buck DC/DC Converter
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154 Datasheet
482Kb / 18P
   1MHz 3A Buck DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3423 BCDSEMI-AP3423 Datasheet
408Kb / 10P
   1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
logo
Diodes Incorporated
AP3441 DIODES-AP3441_V01 Datasheet
776Kb / 13P
   1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 3 - 2 September 2019
logo
List of Unclassifed Man...
MBI6650 ETC2-MBI6650 Datasheet
491Kb / 15P
   1.2A DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3407,A BCDSEMI-AP3407,A Datasheet
336Kb / 11P
   1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
Shenzhen Huazhimei Semi...
HM3107 HMSEMI-HM3107 Datasheet
666Kb / 10P
   1.2A 180KHz 70V Buck DC to DC Converter HM3107
logo
Global Mixed-mode Techn...
G5692 GMT-G5692 Datasheet
90Kb / 1P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1528 GMT-AT1528 Datasheet
178Kb / 2P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1530 GMT-AT1530 Datasheet
92Kb / 1P
   1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com