Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

431468-000 Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # 431468-000
Description  Raychem Application Tooling
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

431468-000 Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button 431468-000 Datasheet HTML 5Page - TE Connectivity Ltd 431468-000 Datasheet HTML 6Page - TE Connectivity Ltd 431468-000 Datasheet HTML 7Page - TE Connectivity Ltd 431468-000 Datasheet HTML 8Page - TE Connectivity Ltd 431468-000 Datasheet HTML 9Page - TE Connectivity Ltd 431468-000 Datasheet HTML 10Page - TE Connectivity Ltd 431468-000 Datasheet HTML 11Page - TE Connectivity Ltd 431468-000 Datasheet HTML 12Page - TE Connectivity Ltd 431468-000 Datasheet HTML 13Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Application Tooling
PAGE 9
AEROSPACE, DEFENSE & MARINE /// APPLICATION TOOLING
Specifications
IR-550-50
IR-550-300
Input Power
120 V, 50-60 Hz, 4.5 A
230 V, 50–60 Hz, 3 A
Weight
2.5 kg (5.5 lb.)
4.8 kg (10 lb.) approx.
Dimensions
113 x 120 x 249 mm
(4.46" x 4.7" x 9.8")
Control Box: 152 x 120 x 19.mm (6" x 4.7" x .75")
Tool: 114 x 209 x 249 mm (4.5" x 8.2" x 9.8")
Duty Cycle
80%, 90-second max. heating times
Lamp Life
1000+ hours of intermittent use
IR-550 Infrared Heating Tools
Reflectors
Accessories and Replacement Parts
Ordering Information
Model
Description
Part No.
IR-550-50 Heating Tool
IR-550-50-MARKII-HT-TOOL
994350-000
IR-550-300 Heating Tool
IR-550-300-MARKIII-CE
C66438-000
Parts
Description
Part No.
RG-2 Reflector for SolderSleeve Terminations
19.0 mm (.75") Wide Aperture
IR-500-24-RG-2-REFLECTOR
993770-000
RG-6 Reflector For Large-Diameter SolderSleeve Terminations
25.4 mm (1.0") Wide Aperture
IR-550-19-RG-6-NOSECONE
994590-000
RG-9 Reflector
9.525 mm (.375") Wide Aperture
IR-550-39-RG-9-REFLECTOR
993693-000
RG-11 Reflector;
12.7 mm (9.5") Wide Aperture
IR-550-41-RG-11-REFLECTOR
993695-000
Parts Common to Both IR-550-50 and -300
Description
Part No.
Upgrade Kit: Filter, Viewing Window,
Inner Reflector-Outer Reflector
IR-550-240-Refurb-KIT
529600-000
Filter
IR-550-237-FLTR-DUAL-COAT
118902-000
Button, Large, Black
AES-IR550-C23-BUTTON
C33802-000
Viewing Window (Frame Not Included)
IR-550-238-VIEWING-WINDOW
007510-000
Parts for IR-550-50 Only
Lamp (120 V)
IR-1000-P-N-13-LAMP
993020-000
Foot Switch Assembly
IR-550-216-FOOT-SWITCH-ASSY
994375-000
Parts for IR-550-300 Only
Lamp (220-230 V), 500 W
IR-550-303-CE-LAMP
F95965-000
Foot Switch Assembly
IR-550-301-CE-FOOT-SW-ASSY
F91912-000
PC Board
AES-IR550-63-PC-BRD
576297-000
ROHS Information can be found at the following website: http://www.te.com/customersupport/productcompliance/
This product must not be disposed of as municipal waste.


Similar Part No. - 431468-000

ManufacturerPart #DatasheetDescription
logo
ebm-papst
4314 EBMPAPST-4314 Datasheet
284Kb / 4P
   DC axial compact fan
4314 EBMPAPST-4314 Datasheet
375Kb / 3P
   DC axial fans
4314 EBMPAPST-4314 Datasheet
704Kb / 3P
   DC axial fans
4314 EBMPAPST-4314 Datasheet
379Kb / 3P
   DC axial fans
4314 EBMPAPST-4314 Datasheet
345Kb / 3P
   DC axial fans
More results

Similar Description - 431468-000

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-1773452-8 TEC-2-1773452-8 Datasheet
2Mb / 8P
   APPLICATION TOOLING FOR RAYCHEM HEAT SHRINK PRODUCTS FROM TE CONNECTIVITY
logo
Molex Electronics Ltd.
0634441216 MOLEX11-0634441216 Datasheet
28Kb / 1P
   Application Tooling
0634460705 MOLEX11-0634460705 Datasheet
54Kb / 1P
   Application Tooling
69012-0960 MOLEX11-69012-0960 Datasheet
36Kb / 1P
   Application Tooling
logo
List of Unclassifed Man...
SJ4F-71GF-M3.0 ETC2-SJ4F-71GF-M3.0 Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
Molex Electronics Ltd.
0690080229 MOLEX11-0690080229 Datasheet
35Kb / 1P
   Application Tooling
57823-5000 MOLEX11-57823-5000 Datasheet
23Kb / 1P
   Application Tooling
57824-5000 MOLEX11-57824-5000 Datasheet
24Kb / 1P
   Application Tooling
0634453210 MOLEX11-0634453210 Datasheet
29Kb / 1P
   Application Tooling
0634461904 MOLEX11-0634461904 Datasheet
54Kb / 1P
   Application Tooling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com