Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICP-S0.5 Datasheet(PDF) 8 Page - Rohm

Part # ICP-S0.5
Description  Overcurrent Protection Elements
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ICP-S0.5 Datasheet(HTML) 8 Page - Rohm

Back Button ICP-S0.5 Datasheet HTML 4Page - Rohm ICP-S0.5 Datasheet HTML 5Page - Rohm ICP-S0.5 Datasheet HTML 6Page - Rohm ICP-S0.5 Datasheet HTML 7Page - Rohm ICP-S0.5 Datasheet HTML 8Page - Rohm ICP-S0.5 Datasheet HTML 9Page - Rohm ICP-S0.5 Datasheet HTML 10Page - Rohm ICP-S0.5 Datasheet HTML 11Page - Rohm ICP-S0.5 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ICP-S Technical Manual
Overcurrent Protection Elements
Rev.A
8/13
0.001
0.01
0.1
1
10
100
1000
10000
0.01
Time (msec)
0.1
1
10
100
1000
10000
100000
I2 t-t Characteristic Curve (ICP-S1.0)
Graph 1
Ta=25
°C
B :Effective pulse critical line
(with no margin)
C :Effective pulse recommended
critical line (with margin)
0.001
0.01
0.1
1
10
100
1000
10000
0.01
Time (msec)
0.1
1
10
100
1000
10000
100000
I2 t-t Characteristic Curve (ICP-S1.0)
Graph 2
Ta=25
°C
A :Effective pulse breaking
line (with no margin)
B :Effective pulse critical line
(with no margin)
C :Effective pulse recommended
critical line (with margin)
61 (A2 ms) at 20ms
A :Effective pulse breaking
line (with no margin)


Similar Part No. - ICP-S0.5

ManufacturerPart #DatasheetDescription
logo
Rohm
ICP-S0.5 ROHM-ICP-S0.5 Datasheet
87Kb / 6P
   Circuit protection elements
ICP-S0.5 ROHM-ICP-S0.5 Datasheet
98Kb / 6P
   Circuit protection elements
ICP-S0.5 ROHM-ICP-S0.5 Datasheet
109Kb / 6P
   Circuit protection elements
More results

Similar Description - ICP-S0.5

ManufacturerPart #DatasheetDescription
logo
Rohm
ICP-S2.3TN ROHM-ICP-S2.3TN Datasheet
98Kb / 6P
   Circuit protection elements
ICP-N15T104 ROHM-ICP-N15T104 Datasheet
98Kb / 6P
   Circuit protection elements
ICP-N10T104 ROHM-ICP-N10T104 Datasheet
109Kb / 6P
   Circuit protection elements
ICP-N50T104 ROHM-ICP-N50T104 Datasheet
98Kb / 6P
   Circuit protection elements
ICP-S0.5 ROHM-ICP-S0.5 Datasheet
87Kb / 6P
   Circuit protection elements
logo
EPCOS
B59884C0120A070 EPCOS-B59884C0120A070 Datasheet
69Kb / 3P
   Overcurrent Protection
B59101P1080A062 EPCOS-B59101P1080A062 Datasheet
83Kb / 4P
   Overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070 Datasheet
156Kb / 11P
   Overcurrent Protection
logo
STMicroelectronics
STEVAL-ISA008V1 STMICROELECTRONICS-STEVAL-ISA008V1 Datasheet
126Kb / 4P
   Overcurrent protection
November 2010 Rev 1
logo
Tyco Electronics
RGEF1100 MACOM-RGEF1100 Datasheet
47Kb / 1P
   Overcurrent Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com