Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZXMP6A17DN8TA Datasheet(PDF) 6 Page - VBsemi Electronics Co.,Ltd

Part No. ZXMP6A17DN8TA
Description  Dual P-Channel 6 0-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

ZXMP6A17DN8TA Datasheet(HTML) 6 Page - VBsemi Electronics Co.,Ltd

  ZXMP6A17DN8TA Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd ZXMP6A17DN8TA Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd ZXMP6A17DN8TA Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd ZXMP6A17DN8TA Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd ZXMP6A17DN8TA Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd ZXMP6A17DN8TA Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd ZXMP6A17DN8TA Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd ZXMP6A17DN8TA Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd ZXMP6A17DN8TA Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
0
0
0
1
10
1
10-1
10-4
100
0.2
0.1
0.05
0.02
Square WavePulse Duration (s)
0.1
0.01
Single Pulse
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 85 °C/W
3. TJM - TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
1
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
0
1
1
10-1
10-4
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square WavePulse Duration (s)
1
0.1
0.01
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
ZXMP6A17DN8TA
6


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn