Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC115TKA Datasheet(PDF) 1 Page - Rohm

Part # DTC115TKA
Description  Digital transistors (built in resistor)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC115TKA Datasheet(HTML) 1 Page - Rohm

  DTC115TKA Datasheet HTML 1Page - Rohm DTC115TKA Datasheet HTML 2Page - Rohm DTC115TKA Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DTC115TM / DTC115TE / DTC115TUA /
Transistors
DTC115TKA / DTC115TSA
Digital transistors (built in resistor)
DTC115TM / DTC115TE / DTC115TUA /
DTC115TKA / DTC115TSA
!
Features
1) Built-in bias resistors enable the configuration of an
inverter circuit without connecting external input
resistors.
2) The bias resistors consist of thin-film resistors with
complete isolation to allow negative biasing of the
input, and parasitic effects are almost completely
eliminated.
3) Only the on / off conditions need to be set for
operation, making device design easy.
4) Higher mounting densities can be achieved.
!
!
!
!
Equivalent circuit
C
B
E
R1
E : Emitter
C : Collector
B : Base
!
!
!
!
External dimensions (Units : mm)
ROHM : EMT3
EIAJ : SC-75A
ROHM : UMT3
DTC115TE
DTC115TUA
DTC115TKA
DTC115TSA
EIAJ : SC-70
ROHM : SMT3
EIAJ : SC-59
ROHM : SPT
EIAJ : SC-72
ROHM : VMT3
DTC115TM
(1) Emitter
(2) Base
(3) Collector
Each lead has same dimensions
1.25
2.1
0.1Min.
(1) Emitter
(2) Base
(3) Collector
Each lead has same dimensions
0.3Min.
2.8
1.6
0.45
2.5
(1) (2) (3)
(1) Emitter
(2) Collector
(3) Base
5
Taping specifications
0.45
0.5
42
(1) Base
(2) Emitter
(3) Collector
(3)
1.2
0.8
0.2
0.15Max.
0.2
(2)
(1)
(1) Emitter
(2) Base
(3) Collector
0.1Min.
1.6
0.8
(2)
(3)
(1)


Similar Part No. - DTC115TKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC115TKA ROHM-DTC115TKA Datasheet
143Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC115TKA ROHM-DTC115TKA Datasheet
991Kb / 3P
   100mA / 50V Digital transistors(with built-in resistors)
More results

Similar Description - DTC115TKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC614T ROHM-DTC614T Datasheet
66Kb / 3P
   Digital transistors (built-in resistor)
DTA114TE ROHM-DTA114TE Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
DTB143TK ROHM-DTB143TK Datasheet
62Kb / 3P
   Digital transistors (built in resistor)
DTC115TH ROHM-DTC115TH Datasheet
59Kb / 2P
   Digital transistors (built in resistor)
DTD143TK ROHM-DTD143TK Datasheet
61Kb / 3P
   Digital transistors (built-in resistor)
DTC115GUA ROHM-DTC115GUA Datasheet
64Kb / 3P
   Digital transistors (built-in resistor)
DTB123YU ROHM-DTB123YU Datasheet
77Kb / 4P
   Digital transistors (built-in resistor)
DTC614TUT106 ROHM-DTC614TUT106 Datasheet
59Kb / 3P
   Digital transistors (built-in resistor)
DTA124TM ROHM-DTA124TM Datasheet
55Kb / 3P
   Digital transistors (built in resistor)
DTC643TU ROHM-DTC643TU Datasheet
83Kb / 3P
   Digital transistors (built-in resistor)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com