Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2342 Datasheet(PDF) 25 Page - Texas Instruments

Part # TPS2342
Description  DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2342 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS2342 Datasheet HTML 21Page - Texas Instruments TPS2342 Datasheet HTML 22Page - Texas Instruments TPS2342 Datasheet HTML 23Page - Texas Instruments TPS2342 Datasheet HTML 24Page - Texas Instruments TPS2342 Datasheet HTML 25Page - Texas Instruments TPS2342 Datasheet HTML 26Page - Texas Instruments TPS2342 Datasheet HTML 27Page - Texas Instruments TPS2342 Datasheet HTML 28Page - Texas Instruments TPS2342 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
TPS2342
SLUS572E − OCTOBER, 2003 − REVISED FEBRUARY 2005
25
www.ti.com
APPLICATION INFORMATION
Thermal Shutdown
Under normal operating consitions, the power dissipation in the TS2342 is low enough that the junction
temperature (TJ) is not more than 15°C above air temperature (TA). However, in the case of a load that exceeds
PCI specifications (but remains under the TPS2342 overcurrent threshold) power dissipation can be higher. To
prevent any damage from an out-of-specification load or severe rise in ambient temperature, the TPS2342
contains two independent thermal shutdown circuits, one for each main supply slot. VAUX is not affected by the
thermal shutdown.
The highest power dissipation in the TPS2342 is from the 12-V power FET so that TPS2342 temperature sense
elements are integrated closely with these FETs. These sensors indicate when the temperature at these
transistors exceeds approximately 150
°C, due either to average device power dissipation, 12-V power FET
power dissipation, or a combination of both.
When excessive junction temperature is detected in one slot, that slot’s fault latch is set and remains set until
the junction temperature drops by approximately 10
°C and the slot is then restarted. The other slot is not
affected by this event.
Determining Component Values
Load Conditions
Table 2. Load Conditions for Determining Component Values
SUPPLY DRIVER
ILOAD
(A)
ITRIP
(A)
CLOAD
(
µF)
SR
(V/s)
+12 V
0.5
0.94
300
250
+5 V
5
7.0
3000
200
+3.3 V
7.6
10.0
3000
200
−12 V
0.1
0.19
150
200
+3.3 Vaux
0.375
1.0
150
5000
+3.3 Vaux(1)
0.02
0.04
150
100
+1.5 VIO
1.5
4.0
150
200
(1)
+3.3 Vaux turn-on from stand-by power.


Similar Part No. - TPS2342

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2342 TI1-TPS2342 Datasheet
818Kb / 52P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2342PFP TI1-TPS2342PFP Datasheet
818Kb / 52P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2342PFPG4 TI1-TPS2342PFPG4 Datasheet
818Kb / 52P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2342 TI1-TPS2342_15 Datasheet
818Kb / 52P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
More results

Similar Description - TPS2342

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2343 TI1-TPS2343_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2343 TI-TPS2343 Datasheet
670Kb / 39P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT-PLUG POWER CONTROLLER
TPS2342 TI1-TPS2342_15 Datasheet
818Kb / 52P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2342 MICREL-MIC2342 Datasheet
1Mb / 32P
   Dual-Slot PCI Express짰 Hot-Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com