Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4250X Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PBSS4250X
Description  50 V, 2 A NPN low VCEsat (BISS) transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4250X Datasheet(HTML) 9 Page - NXP Semiconductors

  PBSS4250X Datasheet HTML 1Page - NXP Semiconductors PBSS4250X Datasheet HTML 2Page - NXP Semiconductors PBSS4250X Datasheet HTML 3Page - NXP Semiconductors PBSS4250X Datasheet HTML 4Page - NXP Semiconductors PBSS4250X Datasheet HTML 5Page - NXP Semiconductors PBSS4250X Datasheet HTML 6Page - NXP Semiconductors PBSS4250X Datasheet HTML 7Page - NXP Semiconductors PBSS4250X Datasheet HTML 8Page - NXP Semiconductors PBSS4250X Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
© Koninklijke Philips Electronics N.V. 2004
SCA76
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner.
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed
without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license
under patent- or other industrial or intellectual property rights.
Philips Semiconductors – a worldwide company
Contact information
For additional information please visit http://www.semiconductors.philips.com.
Fax: +31 40 27 24825
For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
Printed in The Netherlands
R75/02/pp
9
Date of release:
2004 Nov 08
Document order number:
9397 750 13879


Similar Part No. - PBSS4250X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4250X PHILIPS-PBSS4250X Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PBSS4250X NEXPERIA-PBSS4250X Datasheet
83Kb / 9P
   50 V, 2 A NPN low VCEsat (BISS) transistor
2004 Nov 08
logo
NXP Semiconductors
PBSS4250X PHILIPS-PBSS4250X_15 Datasheet
153Kb / 9P
   NPN low VCEsat (BISS) transistor 50 V, 2 A
2004 Nov 08
More results

Similar Description - PBSS4250X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4250X PHILIPS-PBSS4250X_15 Datasheet
153Kb / 9P
   NPN low VCEsat (BISS) transistor 50 V, 2 A
2004 Nov 08
logo
Nexperia B.V. All right...
PBSS4250X NEXPERIA-PBSS4250X Datasheet
83Kb / 9P
   50 V, 2 A NPN low VCEsat (BISS) transistor
2004 Nov 08
logo
NXP Semiconductors
PBSS4350T NXP-PBSS4350T Datasheet
368Kb / 10P
   50 V; 3 A NPN low VCEsat (BISS) transistor
2004 Jan 09
PBSS4350T PHILIPS-PBSS4350T Datasheet
84Kb / 10P
   50 V; 3 A NPN low VCEsat (BISS) transistor
2004 Jan 09
PBSS4350X PHILIPS-PBSS4350X_15 Datasheet
133Kb / 12P
   NPN low VCEsat (BISS) transistor 50 V, 3 A
2004 Nov 04
logo
Nexperia B.V. All right...
PBSS5250TH NEXPERIA-PBSS5250TH Datasheet
248Kb / 14P
   50 V, 2 A PNP low VCEsat (BISS) transistor
PBSS5250T NEXPERIA-PBSS5250T Datasheet
329Kb / 8P
   50 V, 2 A PNP low VCEsat (BISS) transistor
2003 Oct 09
logo
NXP Semiconductors
PBSS5250T PHILIPS-PBSS5250T Datasheet
49Kb / 7P
   50 V, 2 A PNP low VCEsat (BISS) transistor
2003 Oct 09
PBSS5250T PHILIPS-PBSS5250T_15 Datasheet
128Kb / 7P
   PNP low VCEsat (BISS) transistor 50 V, 2 A
2003 Oct 09
PBSS5250X PHILIPS-PBSS5250X_15 Datasheet
153Kb / 9P
   PNP low VCEsat (BISS) transistor 50 V, 2 A
2004 Nov 04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com