Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP483 Datasheet(PDF) 18 Page - Vishay Siliconix

Part No. MMKP483
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP483 Datasheet(HTML) 18 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28125
18
Revision: 01-Sep-03
MMKP 483
Vishay BCcomponents
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Epoxy Lacquered Type
URdc ==
=
= 2000 V; URac ==
=
= 530 V; Up-p ==
=
= 1500 V (lock lead)
C
Μ
Μ
ΜF)
DIMENSIONS
wmax ××
×
× h (h’)max ××
×
× lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 483 ..... AND PACKAGING
LOOSE IN BOX
lt ==
=
= 4.0 +
+
+
+1.0/−
−0.5 mm
C-tol =
=
=
= ±
±
±
±5%
last 5 digits of catalog number
SPQ
Pitch =
=
=
= 15.0 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
0.001
6.0 × 18.0 × 18.0
1.3
64102
2000
0.0011
6.5 × 18.5 × 18.0
1.4
64112
1500
0.0012
64122
0.0013
64132
0.0015
7.0 × 19.0 × 18.0
1.5
64152
1500
0.0016
64162
0.0018
7.5 × 19.5 × 18.0
1.6
64182
1250
0.002
64202
0.0022
8.0 × 20.0 × 18.0
1.7
64222
1250
0.0024
64242
0.0027
8.5 × 20.5 × 18.0
1.8
64272
1000
0.003
9.0 × 21.0 × 18.0
1.9
64302
900
0.0033
9.5 × 21.5 × 18.0
2.0
64332
900
0.0036
64362
0.0039
10.0 × 22.0 × 18.0
2.1
64392
800
0.0043
10.5 × 22.5 × 18.0
2.2
64432
800
0.0047
64472
0.0051
11.0 × 23.0 × 18.0
2.3
64512
800
Pitch =
=
=
= 22.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
0.0056
8.5 × 24.5 × 26.0
2.5
64562
500
0.0062
64622
0.0068
9.0 × 25.0 × 26.0
2.6
64682
450
0.0075
64752
0.0082
9.5 × 25.5 × 26.0
2.8
64822
450
0.0091
10.0 × 26.0 × 26.0
3.0
64912
400
0.01
10.5 × 26.5 × 26.0
3.2
64103
350
0.011
11.0 × 27.0 × 26.0
3.5
64113
350
0.012
11.5 × 27.5 × 26.0
3.8
64123
350
0.013
64133
0.015
12.5 × 28.5 × 26.0
4.6
64153
300
0.016
13.0 × 29.0 × 26.0
5.0
64163
300
Pitch =
=
=
= 27.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
0.018
11.5 × 27.5 × 31.0
5.5
64183
400
0.02
12.5 × 28.5 × 31.0
6.5
64203
350
0.022
13.0 × 29.0 × 31.0
6.5
64223
300
0.024
13.5 × 29.5 × 31.0
7.0
64243
300
0.027
14.0 × 30.0 × 31.0
7.0
64273
300
0.03
15.0 × 31.0 × 31.0
8.0
64303
250
0.033
15.5 × 31.5 × 31.0
8.5
64333
250


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn