Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP483 Datasheet(PDF) 16 Page - Vishay Siliconix

Part No. MMKP483
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP483 Datasheet(HTML) 16 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28125
16
Revision: 01-Sep-03
MMKP 483
Vishay BCcomponents
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Epoxy Lacquered Type
SPECIFIC REFERENCE DATA (2000 VDC)
0.0047
8.0 × 20.0 × 18.0
1.7
54472
1250
0.0051
8.5 × 20.5 × 18.0
1.8
54512
1000
0.0056
54562
0.0062
9.0 × 21.0 × 18.0
1.9
54622
900
0.0068
9.5 × 21.5 × 18.0
2.0
54682
900
0.0075
54752
0.0082
10.0 × 22.0 × 18.0
2.1
54822
800
0.0091
10.5 × 22.5 × 18.0
2.2
54912
800
0.01
11.0 × 23.0 × 18.0
2.3
54103
800
Pitch =
=
=
= 22.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
0.011
8.0 × 24.0 × 26.0
2.4
54113
550
0.012
8.5 × 24.5 × 26.0
2.5
54123
500
0.013
54133
0.015
9.0 × 25.0 × 26.0
2.6
54153
450
0.016
9.5 × 25.5 × 26.0
2.8
54163
450
0.018
10.0 × 26.0 × 26.0
3.0
54183
400
0.02
54203
0.022
10.5 × 26.5 × 26.0
3.2
54223
350
0.024
11.0 × 27.0 × 26.0
3.5
54243
350
0.027
11.5 × 27.5 × 26.0
3.8
54273
350
0.03
12.5 × 28.5 × 26.0
4.6
54303
300
0.033
13.0 × 29.0 × 26.0
5.0
54333
300
Pitch =
=
=
= 27.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
0.036
11.5 × 27.5 × 31.0
5.5
54363
400
0.039
12.0 × 28.0 × 31.0
6.0
54393
350
0.043
12.5 × 28.5 × 31.0
6.5
54433
350
0.047
13.0 × 29.0 × 31.0
6.5
54473
300
0.051
13.5 × 29.5 × 31.0
7.0
54513
300
0.056
14.5 × 30.5 × 31.0
7.5
54563
250
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
C ≤ 0.0051 µF
≤5 × 10−4
≤10 × 10−4
0.0051 µF < C ≤ 0.033 µF
≤5 × 10−4
≤10 × 10−4
Rated voltage pulse slope (dU/dt)R :
Pitch = 15 mm and 7.5 mm (bent back)
20000 V/µs
P = 22.5 mm
10000 V/µs
P = 27.5 mm
5500 V/µs
R between leads, for C ≤ 1 µF at 500 V; 1 minute
>100000 MΩ
R between leads and case; 500 V; 1 minute
>30000 MΩ
Ionization (AC) voltage (typical value) at 20 pC peak discharge
>440 V
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
3000 V; 1 minute
Withstanding (DC) voltage between leads and case
2840 V; 1 minute
C
Μ
Μ
ΜF)
DIMENSIONS
wmax ××
×
× h (h’)max ××
×
× lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 483 ..... AND PACKAGING
LOOSE IN BOX
lt ==
=
= 4.0 +
+
+
+1.0/−
−0.5 mm
C-tol =
=
=
= ±
±
±
±5%
last 5 digits of catalog number
SPQ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn