Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP483 Datasheet(PDF) 15 Page - Vishay Siliconix

Part No. MMKP483
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP483 Datasheet(HTML) 15 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Document Number: 28125
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 01-Sep-03
15
MMKP 483
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Epoxy Lacquered Type
Vishay BCcomponents
URdc ==
=
= 1600 V; URac ==
=
= 460 V; Up-p ==
=
= 1300 V (lock lead)
0.0047
8.0 × 17.0 (18.5) × 18.0
1.7
51472
1250
53472
600
750
0.0051
8.5 × 17.5 (19.0) × 18.0
1.8
51512
1000
53512
600
700
0.0056
51562
53562
0.0062
9.0 × 18.0 (19.5) × 18.0
1.9
51622
900
53622
550
600
0.0068
9.5 × 18.5 (20.0) × 18.0
2.0
51682
900
53682
500
600
0.0075
51752
53752
0.0082
10.0 × 19.0 (20.5) × 18.0
2.1
51822
800
53822
500
600
0.0091
10.5 × 19.5 (21.0) × 18.0
2.2
51912
800
53912
450
500
0.01
11.0 × 20.0 (21.5) × 18.0
2.3
51103
800
53103
450
500
Pitch =
=
=
= 22.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 22.5 mm
0.011
8.0 × 21.0 × 26.0
2.4
51113
550
0.012
8.5 × 21.5 × 26.0
2.5
51123
500
0.013
51133
0.015
9.0 × 22.0 × 26.0
2.6
51153
450
0.016
9.5 × 22.5 × 26.0
2.8
51163
450
0.018
10.0 × 23.0 × 26.0
3.0
51183
400
0.02
51203
0.022
10.5 × 23.5 × 26.0
3.2
51223
350
0.024
11.0 × 24.0 × 26.0
3.5
51243
350
0.027
11.5 × 24.5 × 26.0
3.8
51273
350
0.03
12.5 × 25.5 × 26.0
4.6
51303
300
0.033
13.0 × 26.0 × 26.0
5.0
51333
300
Pitch =
=
=
= 27.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 27.5 mm
0.036
11.5 × 24.5 × 31.0
5.5
51363
400
0.039
12.0 × 25.0 × 31.0
6.0
51393
350
0.043
12.5 × 25.5 × 31.0
6.5
51433
350
0.047
13.0 × 26.0 × 31.0
6.5
51473
300
0.051
13.5 × 26.5 × 31.0
7.0
51513
300
0.056
14.5 × 27.5 × 31.0
7.5
51563
250
C
Μ
Μ
ΜF)
DIMENSIONS
wmax ××
×
× h (h’)max ××
×
× lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 483 ..... AND PACKAGING
LOOSE IN BOX
lt ==
=
= 4.0 +
+
+
+1.0/−
−0.5 mm
C-tol =
=
=
= ±
±
±
±5%
last 5 digits of catalog number
SPQ
Pitch =
=
=
= 15.0 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
0.0016
6.0 × 18.0 × 18.0
1.3
54162
2000
0.0018
54182
0.002
54202
0.0022
54222
0.0024
6.5 × 18.5 × 18.0
1.4
54242
1500
0.0027
54272
0.003
7.0 × 19.0 × 18.0
1.5
54302
1500
0.0033
54332
0.0036
54362
0.0039
7.5 × 19.5 × 18.0
1.6
54392
1250
0.0043
54432
C
Μ
Μ
ΜF)
DIMENSIONS
wmax ××
×
× h (h’)max ××
×
× lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 483 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt ==
=
= 5.0 ±
±
±
±1.0 mm
all leads
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 15 mm
C-tol =
=
=
= ±
±
±
±5%
C-tol =
=
=
= ±
±
±
±5%
last 5 digits of
catalog number
SPQ
last 5 digits of
catalog number
SPQ
SPQ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn