Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP483 Datasheet(PDF) 14 Page - Vishay Siliconix

Part No. MMKP483
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP483 Datasheet(HTML) 14 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28125
14
Revision: 01-Sep-03
MMKP 483
Vishay BCcomponents
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Epoxy Lacquered Type
SPECIFIC REFERENCE DATA (1600 VDC)
URdc ==
=
= 1600 V; URac ==
=
= 460 V; Up-p ==
=
= 1300 V (standard)
0.027
9.5 × 25.5 × 26.0
2.8
44273
450
0.03
10.0 × 26.0 × 26.0
3.0
44303
400
0.033
10.5 × 26.5 × 26.0
3.2
44333
350
0.036
11.0 × 27.0 × 26.0
3.5
44363
350
0.039
11.5 × 27.5 × 26.0
3.8
44393
350
Pitch =
=
=
= 27.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
0.043
10.5 × 26.5 × 31.0
5.0
44433
450
0.047
44473
0.051
11.0 × 27.0 × 31.0
5.5
44513
400
0.056
11.5 × 27.5 × 31.0
5.5
44563
400
0.062
12.0 × 28.0 × 31.0
6.0
44623
350
0.068
12.5 × 28.5 × 31.0
6.5
44683
350
0.075
13.5 × 29.5 × 31.0
7.0
44753
300
0.082
14.0 × 30.0 × 31.0
7.0
44823
300
0.091
14.5 × 30.5 × 31.0
7.5
44913
250
0.1
15.5 × 31.5 × 31.0
8.5
44104
250
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
C ≤ 0.01 µF
≤5 × 10−4
≤10 × 10−4
Rated voltage pulse slope (dU/dt)R at 1600 V (DC)
Pitch = 15 mm and 7.5 mm (bent back) for C ≤ 0.0036 µF11000 V/µs
Pitch = 15 mm and 7.5 mm (bent back) for 0.0036 µF < C ≤ 0.01 µF20000 V/µs
R between leads, for C ≤ 1 µF at 500 V; 1 minute
>100000 MΩ
R between leads and case; 500 V; 1 minute
>30000 MΩ
Ionization (AC) voltage (typical value) at 20 pC peak discharge
>440 V
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
2400 V; 1 minute
Withstanding (DC) voltage between leads and case
2840 V; 1 minute
C
Μ
Μ
ΜF)
DIMENSIONS
wmax ××
×
× h (h’)max ××
×
× lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 483 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt ==
=
= 5.0 ±
±
±
±1.0 mm
all leads
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 15 mm
C-tol =
=
=
= ±
±
±
±5%
C-tol =
=
=
= ±
±
±
±5%
last 5 digits of
catalog number
SPQ
last 5 digits of
catalog number
SPQ
SPQ
Pitch =
=
=
= 15.0 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 15.0 mm
0.0016
6.0 × 15.0 (16.5) × 18.0
1.3
51162
2000
53162
800
1000
0.0018
51182
53182
0.002
51202
53202
0.0022
51222
53222
0.0024
6.5 × 15.5 (17.0) × 18.0
1.4
51242
1500
53242
750
900
0.0027
51272
53272
0.003
7.0 × 16.0 (17.5) × 18.0
1.5
51302
1500
53302
700
800
0.0033
51332
53332
0.0036
51362
53362
0.0039
7.5 × 16.5 (18.0) × 18.0
1.6
51392
1250
53392
650
800
0.0043
51432
53432
C
Μ
Μ
ΜF)
DIMENSIONS
wmax ××
×
× h (h’)max ××
×
× lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 483 ..... AND PACKAGING
LOOSE IN BOX
lt ==
=
= 4.0 +
+
+
+1.0/−
−0.5 mm
C-tol =
=
=
= ±
±
±
±5%
last 5 digits of catalog number
SPQ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn