Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP483 Datasheet(PDF) 13 Page - Vishay Siliconix

Part No. MMKP483
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP483 Datasheet(HTML) 13 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Document Number: 28125
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 01-Sep-03
13
MMKP 483
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Epoxy Lacquered Type
Vishay BCcomponents
URdc ==
=
= 1400 V; URac ==
=
= 425 V; Up-p ==
=
= 1200 V (lock lead)
0.036
11.0 × 24.0 × 26.0
3.5
41363
350
0.039
11.5 × 24.5 × 26.0
3.8
41393
350
Pitch =
=
=
= 27.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 27.5 mm
0.043
10.5 × 23.5 × 31.0
5.0
41433
450
0.047
41473
0.051
11.0 × 24.0 × 31.0
5.5
41513
400
0.056
11.5 × 24.5 × 31.0
5.5
41563
400
0.062
12.0 × 25.0 × 31.0
6.0
41623
350
0.068
12.5 × 25.5 × 31.0
6.5
41683
350
0.075
13.5 × 26.5 × 31.0
7.0
41753
300
0.082
14.0 × 27.0 × 31.0
7.0
41823
300
0.091
14.5 × 27.5 × 31.0
7.5
41913
250
0.1
15.5 × 28.5 × 31.0
8.5
41104
250
C
Μ
Μ
ΜF)
DIMENSIONS
wmax ××
×
× h (h’)max ××
×
× lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 483 ..... AND PACKAGING
LOOSE IN BOX
lt ==
=
= 4.0 +
+
+
+1.0/−
−0.5 mm
C-tol =
=
=
= ±
±
±
±5%
last 5 digits of catalog number
SPQ
Pitch =
=
=
= 15.0 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
0.0022
6.0 × 18.0 × 18.0
1.3
44222
2000
0.0024
44242
0.0027
44272
0.003
44302
0.0033
44332
0.0036
44362
0.0039
6.5 × 18.5 × 18.0
1.4
44392
1500
0.0043
44432
0.0047
7.0 × 19.0 × 18.0
1.5
44472
1500
0.0051
44512
0.0056
44562
0.0062
7.5 × 19.5 × 18.0
1.6
44622
1250
0.0068
44682
0.0075
8.0 × 20.0 × 18.0
1.7
44752
1250
0.0082
8.5 × 20.5 × 18.0
1.8
44822
1000
0.0091
44912
0.01
9.0 × 21.0 × 18.0
1.9
44103
900
0.011
9.5 × 21.5 × 18.0
2.0
44113
900
0.012
10.0 × 22.0 × 18.0
2.1
44123
800
0.013
44133
0.015
11.0 × 23.0 × 18.0
2.3
44153
800
0.016
44163
Pitch =
=
=
= 22.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
0.018
8.0 × 24.0 × 26.0
2.4
44183
550
0.02
8.5 × 24.5 × 26.0
2.5
44203
500
0.022
9.0 × 25.0 × 26.0
2.6
44223
450
0.024
44243
C
Μ
Μ
ΜF)
DIMENSIONS
wmax ××
×
× h (h’)max ××
×
× lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 483 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt ==
=
= 5.0 ±
±
±
±1.0 mm
all leads
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 15 mm
C-tol =
=
=
= ±
±
±
±5%
C-tol =
=
=
= ±
±
±
±5%
last 5 digits of
catalog number
SPQ
last 5 digits of
catalog number
SPQ
SPQ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn