Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP483 Datasheet(PDF) 12 Page - Vishay Siliconix

Part No. MMKP483
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP483 Datasheet(HTML) 12 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28125
12
Revision: 01-Sep-03
MMKP 483
Vishay BCcomponents
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Epoxy Lacquered Type
SPECIFIC REFERENCE DATA (1400 VDC)
URdc ==
=
= 1400 V; URac ==
=
= 425 V; Up-p ==
=
= 1200 V (standard)
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
C ≤ 0.016 µF
≤5 × 10−4
≤10 × 10−4
0.016 µF < C ≤ 0.039 µF
≤5 × 10−4
≤12 × 10−4
0.039 µF < C ≤ 0.1 µF
≤5 × 10−4
≤15 × 10−4
Rated voltage pulse slope (dU/dt)R at 1400 V (DC)
Pitch = 15 mm and 7.5 mm (bent back) for C ≤ 0.0056 µF8000 V/µs
Pitch = 15 mm and 7.5 mm (bent back) for 0.0056 µF < C ≤ 0.016 µF15000 V/µs
P = 22.5 mm
4000 V/µs
P = 27.5 mm
2100 V/µs
R between leads, for C ≤ 1 µF at 500 V; 1 minute
>100000 MΩ
R between leads and case; 500 V; 1 minute
>30000 MΩ
Ionization (AC) voltage (typical value) at 20 pC peak discharge
>440 V
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
2250 V; 1 minute
Withstanding (DC) voltage between leads and case
2840 V; 1 minute
C
Μ
Μ
ΜF)
DIMENSIONS
wmax ××
×
× h (h’)max ××
×
× lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 483 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt ==
=
= 5.0 ±
±
±
±1.0 mm
all leads
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 15 mm
C-tol =
=
=
= ±
±
±
±5%
C-tol =
=
=
= ±
±
±
±5%
last 5 digits of
catalog number
SPQ
last 5 digits of
catalog number
SPQ
SPQ
Pitch =
=
=
= 15.0 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 15.0 mm
0.0022
6.0 × 15.0 (16.5) × 18.0
1.3
41222
2000
43222
800
1000
0.0024
41242
43242
0.0027
41272
43272
0.003
41302
43302
0.0033
41332
43332
0.0036
41362
43362
0.0039
6.5 × 15.5 (17.0) × 18.0
1.4
41392
1500
43392
750
900
0.0043
41432
43432
0.0047
7.0 × 16.0 (17.5) × 18.0
1.5
41472
1500
43472
700
800
0.0051
41512
43512
0.0056
41562
43562
0.0062
7.5 × 16.5 (18.0) × 18.0
1.6
41622
1250
43622
650
800
0.0068
41682
43682
0.0075
8.0 × 17.0 (18.5) × 18.0
1.7
41752
1250
43752
600
750
0.0082
8.5 × 17.5 (19.0) × 18.0
1.8
41822
1000
43822
600
700
0.0091
41912
43912
0.01
9.0 × 18.0 (19.5) × 18.0
1.9
41103
900
43103
550
600
0.011
9.5 × 18.5 (20.0) × 18.0
2.0
41113
900
43113
500
600
0.012
10.0 × 19.0 (20.5) × 18.0
2.1
41123
800
43123
500
600
0.013
41133
43133
0.015
11.0 × 20.0 (21.5) × 18.0
2.3
41153
800
43153
450
500
0.016
41163
43163
Pitch =
=
=
= 22.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 22.5 mm
0.018
8.0 × 21.0 × 26.0
2.4
41183
550
0.02
8.5 × 21.5 × 26.0
2.5
41203
500
0.022
9.0 × 22.0 × 26.0
2.6
41223
450
0.024
41243
0.027
9.5 × 22.5 × 26.0
2.8
41273
450
0.03
10.0 × 23.0 × 26.0
3.0
41303
400
0.033
10.5 × 23.5 × 26.0
3.2
41333
350


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn