Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP483 Datasheet(PDF) 11 Page - Vishay Siliconix

Part No. MMKP483
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP483 Datasheet(HTML) 11 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Document Number: 28125
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 01-Sep-03
11
MMKP 483
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Epoxy Lacquered Type
Vishay BCcomponents
URdc ==
=
= 1000 V; URac ==
=
= 350 V; Up-p ==
=
= 1000 V (lock lead)
C
Μ
Μ
ΜF)
DIMENSIONS
wmax ××
×
× h (h’)max ××
×
× lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 483 ..... AND PACKAGING
LOOSE IN BOX
lt ==
=
= 4.0 +
+
+
+1.0/−
−0.5 mm
C-tol =
=
=
= ±
±
±
±5%
last 5 digits of catalog number
SPQ
Pitch =
=
=
= 15.0 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
0.0043
6.0 × 18.0 × 18.0
1.3
34432
2000
0.0047
34472
0.0051
34512
0.0056
34562
0.0062
34622
0.0068
34682
0.0075
34752
0.0082
34822
0.0091
34912
0.010
34103
0.011
34113
0.012
34123
0.013
34133
0.015
34153
0.016
34163
0.018
6.5 × 18.5 × 18.0
1.4
34183
1500
0.02
34203
0.022
7.0 × 19.0 × 18.0
1.5
34223
1500
0.024
34243
0.027
7.5 × 19.5 × 18.0
1.6
34273
1250
0.03
34303
0.033
8.0 × 20.0 × 18.0
1.7
34333
1250
0.036
8.5 × 20.5 × 18.0
1.8
34363
1000
0.039
34393
0.043
9.0 × 21.0 × 18.0
1.9
34433
900
0.047
9.5 × 21.5 × 18.0
2.0
34473
900
0.051
34513
0.056
10.0 × 22.0 × 18.0
2.1
34563
800
0.062
10.5 × 22.5 × 18.0
2.2
34623
800
Pitch =
=
=
= 22.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
0.068
8.0 × 24.0 × 26.0
2.4
34683
550
0.075
8.5 × 24.5 × 26.0
2.5
34753
500
0.082
9.0 × 25.0 × 26.0
2.6
34823
450
0.091
34913
0.1
9.5 × 25.5 × 26.0
2.8
34104
450
0.11
10.0 × 26.0 × 26.0
3.0
34114
400
0.12
10.5 × 26.5 × 26.0
3.2
34124
350
0.13
11.0 × 27.0 × 26.0
3.5
34134
350
Pitch =
=
=
= 27.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
0.15
10.0 × 26.0 × 31.0
5.0
34154
500
0.16
10.5 × 26.5 × 31.0
5.0
34164
450
0.18
11.0 × 27.0 × 31.0
5.5
34184
400
0.2
11.5 × 27.5 × 31.0
5.5
34204
400
0.22
12.0 × 28.0 × 31.0
6.0
34224
350
0.24
12.5 × 28.5 × 31.0
6.5
34244
350
0.27
13.5 × 29.5 × 31.0
7.0
34274
300
0.3
14.0 × 30.0 × 31.0
7.0
34304
300
0.33
15.0 × 31.0 × 31.0
8.0
34334
250


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn