Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP483 Datasheet(PDF) 10 Page - Vishay Siliconix

Part No. MMKP483
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP483 Datasheet(HTML) 10 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28125
10
Revision: 01-Sep-03
MMKP 483
Vishay BCcomponents
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Epoxy Lacquered Type
0.011
6.0 × 15.0 (16.5) × 18.0
1.3
31113
2000
33113
800
1000
0.012
31123
33123
0.013
31133
33133
0.015
31153
33153
0.016
31163
33163
0.018
6.5 × 15.5 (17.0) × 18.0
1.4
31183
1500
33183
750
900
0.02
31203
33203
0.022
7.0 × 16.0 (17.5) × 18.0
1.5
31223
1500
33223
700
800
0.024
31243
33243
0.027
7.5 × 16.5 (18.0) × 18.0
1.6
31273
1250
33273
650
800
0.03
31303
33303
0.033
8.0 × 17.0 (18.5) × 18.0
1.7
31333
1250
33333
600
750
0.036
8.5 × 17.5 (19.0) × 18.0
1.8
31363
1000
33363
600
700
0.039
31393
33393
0.043
9.0 × 18.0 (19.5) × 18.0
1.9
31433
900
33433
550
600
0.047
9.5 × 18.5 (20.0) × 18.0
2.0
31473
900
33473
500
600
0.051
31513
33513
0.056
10.0 × 19.0 (20.5) × 18.0
2.1
31563
800
33563
500
600
0.062
10.5 × 19.5 (21.0) × 18.0
2.2
31623
800
33623
450
500
Pitch =
=
=
= 22.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 22.5 mm
0.068
8.0 × 21.0 × 26.0
2.4
31683
550
0.075
8.5 × 21.5 × 26.0
2.5
31753
500
0.082
9.0 × 22.0 × 26.0
2.6
31823
450
0.091
31913
0.1
9.5 × 22.5 × 26.0
2.8
31104
450
0.11
10.0 × 23.0 × 26.0
3.0
31114
400
0.12
10.5 × 23.5 × 26.0
3.2
31124
350
0.13
11.0 × 24.0 × 26.0
3.5
31134
350
Pitch =
=
=
= 27.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 27.5 mm
0.15
10.0 × 23.0 × 31.0
5.0
31154
500
0.16
10.5 × 23.5 × 31.0
5.0
31164
450
0.18
11.0 × 24.0 × 31.0
5.5
31184
400
0.2
11.5 × 24.5 × 31.0
5.5
31204
400
0.22
12.0 × 25.0 × 31.0
6.0
31224
350
0.24
12.5 × 25.5 × 31.0
6.5
31244
350
0.27
13.5 × 26.5 × 31.0
7.0
31274
300
0.3
14.0 × 27.0 × 31.0
7.0
31304
300
0.33
15.0 × 28.0 × 31.0
8.0
31334
250
C
Μ
Μ
ΜF)
DIMENSIONS
wmax ××
×
× h (h’)max ××
×
× lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 483 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt ==
=
= 5.0 ±
±
±
±1.0 mm
all leads
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 15 mm
C-tol =
=
=
= ±
±
±
±5%
C-tol =
=
=
= ±
±
±
±5%
last 5 digits of
catalog number
SPQ
last 5 digits of
catalog number
SPQ
SPQ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn