Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP483 Datasheet(PDF) 9 Page - Vishay Siliconix

Part No. MMKP483
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP483 Datasheet(HTML) 9 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Document Number: 28125
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 01-Sep-03
9
MMKP 483
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Epoxy Lacquered Type
Vishay BCcomponents
SPECIFIC REFERENCE DATA (1000 VDC)
URdc ==
=
= 1000 V; URac ==
=
= 350 V; Up-p ==
=
= 1000 V (standard)
0.082
8.5 × 20.5 × 18.0
1.8
24823
1000
0.091
9.0 × 21.0 × 18.0
1.9
24913
900
0.1
9.5 × 21.5 × 18.0
2.0
24104
900
0.11
24114
0.12
10.0 × 22.0 × 18.0
2.1
24124
800
0.13
10.5 × 22.5 × 18.0
2.2
24134
800
0.15
11.0 × 23.0 × 18.0
2.3
24154
800
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
C ≤ 0.062 µF
≤5 × 10−4
≤15 × 10−4
0.062 µF < C ≤ 0.13 µF
≤6 × 10−4
≤20 × 10−4
0.13 µF < C ≤ 0.22 µF
≤8 × 10−4
≤25 × 10−4
0.22 µF < C ≤ 0.33 µF
≤8 × 10−4
≤30 × 10−4
Rated voltage pulse slope (dU/dt)R:
Pitch = 15 mm and 7.5 mm (bent back) for C ≤ 0.024 µF1700 V/µs
Pitch = 15 mm and 7.5 mm (bent back) for 0.024 µF < C ≤ 0.062 µF3300 V/µs
P = 22.5 mm
1200 V/µs
P = 27.5 mm
700 V/µs
R between leads, for C ≤ 1 µF at 500 V; 1 minute
>100000 MΩ
R between leads and case; 500 V; 1 minute
>30000 MΩ
Ionization (AC) voltage (typical value) at 50 pC peak discharge
>440 V
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
1600 V; 1 minute
Withstanding (DC) voltage between leads and case
2840 V; 1 minute
C
Μ
Μ
ΜF)
DIMENSIONS
wmax ××
×
× h (h’)max ××
×
× lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 483 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt ==
=
= 5.0 ±
±
±
±1.0 mm
all leads
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 15 mm
C-tol =
=
=
= ±
±
±
±5%
C-tol =
=
=
= ±
±
±
±5%
last 5 digits of
catalog number
SPQ
last 5 digits of
catalog number
SPQ
SPQ
Pitch =
=
=
= 15.0 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 15.0 mm
0.0043
6.0 × 15.0 (16.5) × 18.0
1.3
31432
2000
33432
800
1000
0.0047
31472
33472
0.0051
31512
33512
0.0056
31562
33562
0.0062
31622
33622
0.0068
31682
33682
0.0075
31752
33752
0.0082
31822
33822
0.0091
31912
33912
0.010
31103
33103
C
Μ
Μ
ΜF)
DIMENSIONS
wmax ××
×
× h (h’)max ××
×
× lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 483 ..... AND PACKAGING
LOOSE IN BOX
lt ==
=
= 4.0 +
+
+
+1.0/−
−0.5 mm
C-tol =
=
=
= ±
±
±
±5%
last 5 digits of catalog number
SPQ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn