Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP483 Datasheet(PDF) 8 Page - Vishay Siliconix

Part No. MMKP483
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP483 Datasheet(HTML) 8 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28125
8
Revision: 01-Sep-03
MMKP 483
Vishay BCcomponents
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Epoxy Lacquered Type
URdc ==
=
= 630 V; URac ==
=
= 220 V; Up-p ==
=
= 630 V (lock lead)
0.056
7.5 × 16.5 (18.0) × 18.0
1.6
21563
1250
23563
650
800
0.062
21623
23623
0.068
8.0 × 17.0 (18.5) × 18.0
1.7
21683
1250
23683
600
750
0.075
21753
23753
0.082
8.5 × 17.5 (19.0) × 18.0
1.8
21823
1000
23823
600
700
0.091
9.0 × 18.0 (19.5) × 18.0
1.9
21913
900
23913
550
600
0.1
9.5 × 18.5 (20.0) × 18.0
2.0
21104
900
23104
500
600
0.11
21114
23114
0.12
10.0 × 19.0 (20.5) × 18.0
2.1
21124
800
23124
500
600
0.13
10.5 × 19.5 (21.0) × 18.0
2.2
21134
800
23134
450
500
0.15
11.0 × 20.0 (21.5) × 18.0
2.3
21154
800
23154
450
500
Pitch =
=
=
= 22.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 22.5 mm
0.16
8.5 × 21.5 × 26.0
2.5
21164
500
0.18
9.0 × 22.0 × 26.0
2.6
21184
450
0.2
9.5 × 22.5 × 26.0
2.8
21204
450
0.22
21224
0.24
10.0 × 23.0 × 26.0
3.0
21244
400
0.27
10.5 × 23.5 × 26.0
3.2
21274
350
0.3
11.0 × 24.0 × 26.0
3.5
21304
350
Pitch =
=
=
= 27.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 27.5 mm
0.33
10.5 × 23.5 × 31.0
5.0
21334
450
0.36
11.0 × 24.0 × 31.0
5.5
21364
400
0.39
21394
0.43
11.5 × 24.5 × 31.0
5.5
21434
400
0.47
12.0 × 25.0 × 31.0
6.0
21474
350
0.51
12.5 × 25.5 × 31.0
6.5
21514
350
0.56
13.5 × 26.5 × 31.0
6.5
21564
300
0.62
14.0 × 27.0 × 31.0
7.0
21624
300
0.68
14.5 × 27.5 × 31.0
7.5
21684
250
C
Μ
Μ
ΜF)
DIMENSIONS
wmax ××
×
× h (h’)max ××
×
× lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 483 ..... AND PACKAGING
LOOSE IN BOX
lt ==
=
= 4.0 +
+
+
+1.0/−
−0.5 mm
C-tol =
=
=
= ±
±
±
±5%
last 5 digits of catalog number
SPQ
Pitch =
=
=
= 15.0 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
0.03
6.0 × 18.0 × 18.0
1.3
24303
2000
0.033
24333
0.036
6.5 × 18.5 × 18.0
1.4
24363
1500
0.039
24393
0.043
24433
0.047
7.0 × 19.0 × 18.0
1.5
24473
1500
0.051
24513
0.056
7.5 × 19.5 × 18.0
1.6
24563
1250
0.062
24623
0.068
8.0 × 20.0 × 18.0
1.7
24683
1250
0.075
24753
C
Μ
Μ
ΜF)
DIMENSIONS
wmax ××
×
× h (h’)max ××
×
× lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 483 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt ==
=
= 5.0 ±
±
±
±1.0 mm
all leads
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 15 mm
C-tol =
=
=
= ±
±
±
±5%
C-tol =
=
=
= ±
±
±
±5%
last 5 digits of
catalog number
SPQ
last 5 digits of
catalog number
SPQ
SPQ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn