Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP483 Datasheet(PDF) 7 Page - Vishay Siliconix

Part No. MMKP483
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP483 Datasheet(HTML) 7 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Document Number: 28125
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 01-Sep-03
7
MMKP 483
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Epoxy Lacquered Type
Vishay BCcomponents
SPECIFIC REFERENCE DATA (630 VDC)
URdc ==
=
= 630 V; URac ==
=
= 220 V; Up-p ==
=
= 630 V (standard)
Pitch =
=
=
= 27.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
0.47
10.0 × 26.0 × 31.0
5.0
14474
500
0.51
10.5 × 26.5 × 31.0
5.0
14514
450
0.56
11.0 × 27.0 × 31.0
5.5
14564
400
0.62
11.5 × 27.5 × 31.0
5.5
14624
400
0.68
12.0 × 28.0 × 31.0
6.0
14684
350
0.75
12.5 × 28.5 × 31.0
6.5
14754
350
0.82
13.0 × 29.0 × 31.0
6.5
14824
300
0.91
13.5 × 29.5 × 31.0
7.0
14914
300
1
14.0 × 30.0 × 31.0
7.0
14105
300
1.1
15.0 × 31.0 × 31.0
8.0
14115
250
1.2
15.5 × 31.5 × 31.0
8.5
14125
250
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
C ≤ 0.15 µF
≤5 × 10−4
≤15 × 10−4
0.15 µF < C ≤ 0.22 µF
≤8 × 10−4
≤25 × 10−4
0.22 µF < C ≤ 0.3 µF
≤8 × 10−4
≤30 × 10−4
0.3 µF < C ≤ 0.47 µF
≤10 × 10−4
≤40 × 10−4
0.47 µF < C ≤ 0.68 µF
≤10 × 10−4
≤45 × 10−4
Rated voltage pulse slope (dU/dt)R:
Pitch = 15 mm and 7.5 mm (bent back) for C ≤ 0.051 µF
700 V/µs
Pitch = 15 mm and 7.5 mm (bent back) for 0.051 µF < C ≤ 0.15 µF1400 V/µs
P = 22.5 mm
470 V/µs
P = 27.5 mm
300 V/µs
R between leads, for C ≤ 1 µF at 500 V; 1 minute
>100000 MΩ
R between leads and case; 500 V; 1 minute
>30000 MΩ
Ionization (AC) voltage (typical value) at 50 pC peak discharge
>220 V
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
1000 V; 1 minute
Withstanding (DC) voltage between leads and case
2840 V; 1 minute
C
Μ
Μ
ΜF)
DIMENSIONS
wmax ××
×
× h (h’)max ××
×
× lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 483 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt ==
=
= 5.0 ±
±
±
±1.0 mm
all leads
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 15 mm
C-tol =
=
=
= ±
±
±
±5%
C-tol =
=
=
= ±
±
±
±5%
last 5 digits of
catalog number
SPQ
last 5 digits of
catalog number
SPQ
SPQ
Pitch =
=
=
= 15.0 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 15.0 mm
0.03
6.0 × 15.0 (16.5) × 18.0
1.3
21303
2000
23303
800
1000
0.033
21333
23333
0.036
6.5 × 15.5 (17.0) × 18.0
1.4
21363
1500
23363
750
900
0.039
21393
23393
0.043
21433
23433
0.047
7.0 × 16.0 (17.5) × 18.0
1.5
21473
1500
23473
700
800
0.051
21513
23513
C
Μ
Μ
ΜF)
DIMENSIONS
wmax ××
×
× h (h’)max ××
×
× lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 483 ..... AND PACKAGING
LOOSE IN BOX
lt ==
=
= 4.0 +
+
+
+1.0/−
−0.5 mm
C-tol =
=
=
= ±
±
±
±5%
last 5 digits of catalog number
SPQ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn