Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP483 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. MMKP483
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMKP483 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MMKP483 Datasheet HTML 2Page - Vishay Siliconix MMKP483 Datasheet HTML 3Page - Vishay Siliconix MMKP483 Datasheet HTML 4Page - Vishay Siliconix MMKP483 Datasheet HTML 5Page - Vishay Siliconix MMKP483 Datasheet HTML 6Page - Vishay Siliconix MMKP483 Datasheet HTML 7Page - Vishay Siliconix MMKP483 Datasheet HTML 8Page - Vishay Siliconix MMKP483 Datasheet HTML 9Page - Vishay Siliconix MMKP483 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28125
6
Revision: 01-Sep-03
MMKP 483
Vishay BCcomponents
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Epoxy Lacquered Type
URdc ==
=
= 400 V; URac ==
=
= 200 V; Up-p ==
=
= 560 V (lock lead)
Pitch =
=
=
= 27.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 27,5 mm
0.47
10.0 × 23.0 × 31.0
5.0
11474
500
0.51
10.5 × 23.5 × 31.0
5.0
11514
450
0.56
11.0 × 24.0 × 31.0
5.5
11564
400
0.62
11.5 × 24.5 × 31.0
5.5
11624
400
0.68
12.0 × 25.0 × 31.0
6.0
11684
350
0.75
12.5 × 25.5 × 31.0
6.5
11754
350
0.82
13.0 × 26.0 × 31.0
6.5
11824
300
0.91
13.5 × 26.5 × 31.0
7.0
11914
300
1
14.0 × 27.0 × 31.0
7.0
11105
300
1.1
15.0 × 28.0 × 31.0
8.0
11115
250
1.2
15.5 × 28.5 × 31.0
8.5
11125
250
C
Μ
Μ
ΜF)
DIMENSIONS
wmax ××
×
× h (h’)max ××
×
× lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 483 ..... AND PACKAGING
LOOSE IN BOX
lt ==
=
= 4.0 +
+
+
+1.0/−
−0.5 mm
C-tol =
=
=
= ±
±
±
±5%
last 5 digits of catalog number
SPQ
Pitch =
=
=
= 15.0 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
0.047
6.0 × 18.0 × 18.0
1.3
14473
2000
0.051
14513
0.056
14563
0.062
6.5 × 18.5 × 18.0
1.4
14623
1500
0.068
14683
0.075
7.0 × 19.0 × 18.0
1.5
14753
1500
0.082
14823
0.091
7.5 × 19.5 × 18.0
1.6
14913
1250
0.1
14104
0.11
8.0 × 20.0 × 18.0
1.7
14114
1250
0.12
8.5 × 20.5 × 18.0
1.8
14124
1000
0.13
14134
0.15
9.0 × 21.0 × 18.0
1.9
14154
900
0.16
9.5 × 21.5 × 18.0
2.0
14164
900
0.18
10.0 × 22.0 × 18.0
2.1
14184
800
0.2
10.5 × 22.5 × 18.0
2.2
14204
800
0.22
14224
Pitch =
=
=
= 22.5 ±
±
±
±0.4 mm; dt ==
=
= 0.80 ±
±
±
±0.08 mm
0.24
8.5 × 24.5 × 26.0
2.5
14244
500
0.27
14274
0.3
9.0 × 25.0 × 26.0
2.6
14304
450
0.33
9.5 × 25.5 × 26.0
2.8
14334
450
0.36
10.0 × 26.0 × 26.0
3.0
14364
400
0.39
14394
0.43
10.5 × 26.5 × 26.0
3.2
14434
350
C
Μ
Μ
ΜF)
DIMENSIONS
wmax ××
×
× h (h’)max ××
×
× lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 483 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt ==
=
= 5.0 ±
±
±
±1.0 mm
all leads
pitch =
=
=
= 7.5 mm (bent back)
pitch =
=
=
= 15 mm
C-tol =
=
=
= ±
±
±
±5%
C-tol =
=
=
= ±
±
±
±5%
last 5 digits of
catalog number
SPQ
last 5 digits of
catalog number
SPQ
SPQ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn