Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS12281 Datasheet(PDF) 59 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 59 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 55Page - Semtech Corporation GS12281 Datasheet HTML 56Page - Semtech Corporation GS12281 Datasheet HTML 57Page - Semtech Corporation GS12281 Datasheet HTML 58Page - Semtech Corporation GS12281 Datasheet HTML 59Page - Semtech Corporation GS12281 Datasheet HTML 60Page - Semtech Corporation GS12281 Datasheet HTML 61Page - Semtech Corporation GS12281 Datasheet HTML 62Page - Semtech Corporation GS12281 Datasheet HTML 63Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
59 of 97
Semtech
Proprietary & Confidential
www.semtech.com
5.2 Status Registers
53
RSVD
RW
54
EYE_MON_ INT_CFG_0
RW
55
EYE_MON_ INT_CFG_1
RW
56
EYE_MON_ INT_CFG_2
RW
57
EYE_MON_ INT_CFG_3
RW
58 to 59
RSVD
RW
5A
EYE_MON_ SCAN_CTRL_0
RW
5B
EYE_MON_ SCAN_CTRL_1
RW
5C
EYE_MON_ SCAN_CTRL_2
RW
5D
EYE_MON_ SCAN_CTRL_3
RW
Internal Only Configuration
5E to 7E
RSVD
RW
Table 5-1: Control Registers (Continued)
GSPI
Addressh
Register Name
R/W
Table 5-2: Status Registers
GSPI
Addressh
Register Name
R/W
80
RSVD
RW
81
VERSION_0
RW
82
VERSION_1
RW
83
VERSION_2
RW
84
STICKY_ COUNTS_0
RW
85
STICKY_ COUNTS_1
RW
86
CURRENT_ STATUS_0
RW
87
CURRENT_ STATUS_1
RW
88
RSVD
RW
89
PRBS_ CHK_ ERR_CNT
RW
8A
PRBS_ CHK_STATUS
RW
8B
EYE_MON_ SCAN_ SIZE_OUTPUT
RW
8C
EYE_MON_ SHAPE_ OUTPUT_0
RW


Similar Part No. - GS12281

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS12-10 ETC2-GS12-10 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS12-120 ETC2-GS12-120 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS12-150 ETC2-GS12-150 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS12-16 ETC2-GS12-16 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS12-185 ETC2-GS12-185 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
More results

Similar Description - GS12281

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS12090 SEMTECH-GS12090 Datasheet
4Mb / 121P
   Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS12081 SEMTECH-GS12081 Datasheet
2Mb / 64P
   12G UHD-SDI Cable Driver
GS12181 SEMTECH-GS12181 Datasheet
2Mb / 68P
   12G UHD-SDI Retiming Cable Driver
logo
Texas Instruments
LMH1208 TI1-LMH1208 Datasheet
730Kb / 10P
[Old version datasheet]   12G UHD-SDI Dual Output Cable Driver
logo
Semtech Corporation
GS3281 SEMTECH-GS3281 Datasheet
3Mb / 97P
   3G-SDI Re-timing Cable Driver
GS12190 SEMTECH-GS12190 Datasheet
2Mb / 121P
   Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12341 SEMTECH-GS12341 Datasheet
4Mb / 109P
   12G UHD-SDI Reclocking Adaptive Cable Equalizer
logo
Texas Instruments
LMH1228 TI1-LMH1228 Datasheet
730Kb / 10P
[Old version datasheet]   12G UHD-SDI Dual Output Cable Driver With Integrated Reclocker
logo
Semtech Corporation
GS3590 SEMTECH-GS3590 Datasheet
4Mb / 118P
   Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com