Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT854W Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAT854W
Description  Schottky barrier (double) diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT854W Datasheet(HTML) 3 Page - NXP Semiconductors

  BAT854W Datasheet HTML 1Page - NXP Semiconductors BAT854W Datasheet HTML 2Page - NXP Semiconductors BAT854W Datasheet HTML 3Page - NXP Semiconductors BAT854W Datasheet HTML 4Page - NXP Semiconductors BAT854W Datasheet HTML 5Page - NXP Semiconductors BAT854W Datasheet HTML 6Page - NXP Semiconductors BAT854W Datasheet HTML 7Page - NXP Semiconductors BAT854W Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001 Feb 27
3
Philips Semiconductors
Product specification
Schottky barrier (double) diodes
BAT854W series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
ELECTRICAL CHARACTERISTICS
Tamb =25 °C; unless otherwise specified.
Note
1. Pulse test: tp = 300 µs; δ = 0.02.
THERMAL CHARACTERISTICS
Note
1. Refer to SOT323 standard mounting conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VR
continuous reverse voltage
40
V
IF
continuous forward current
200
mA
IFRM
repetitive peak forward current
tp ≤ 1s; δ≤ 0.5
300
mA
IFSM
non-repetitive peak forward current
t = 8.3 ms half sinewave;
JEDEC method
1A
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Per diode
VF
continuous forward voltage
see Fig.6
IF = 0.1 mA
200
mV
IF = 1 mA
260
mV
IF = 10 mA
340
mV
IF =30mA
420
mV
IF = 100 mA
550
mV
IR
continuous reverse current
VR = 25 V; note 1; see Fig.7
0.5
µA
Cd
diode capacitance
VR = 1 V; f = 1 MHz; see Fig.8
20
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient note 1
625
K/W


Similar Part No. - BAT854W

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAT854W KEXIN-BAT854W Datasheet
46Kb / 1P
   Schottky barrier (double) diodes
logo
NXP Semiconductors
BAT854W NXP-BAT854W Datasheet
218Kb / 7P
   Schottky barrier (double) diodes
2001 Feb 27
logo
Nexperia B.V. All right...
BAT854W NEXPERIA-BAT854W Datasheet
188Kb / 8P
   40 V, 200 mA Schottky barrier diode
4 January 2023
BAT854W-Q NEXPERIA-BAT854W-Q Datasheet
188Kb / 8P
   40 V, 200 mA Schottky barrier diode
19 July 2022
logo
NXP Semiconductors
BAT854W PHILIPS-BAT854W_15 Datasheet
230Kb / 7P
   Schottky barrier (double) diodes
2001 Feb 27
More results

Similar Description - BAT854W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
   Schottky barrier double diodes
2003 Aug 04
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
   Schottky barrier double diodes
1997 Oct 03
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
   Schottky barrier double diodes
2002 Mar 04
BAT754 NXP-BAT754 Datasheet
204Kb / 7P
   Schottky barrier (double) diodes
2003 Mar 25
BAT160 PHILIPS-BAT160_15 Datasheet
192Kb / 7P
   Schottky barrier double diodes
1999 Sep 20
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
   Schottky barrier double diodes
1999 May 06
BAT160 PHILIPS-BAT160 Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Sep 20
BAT754 PHILIPS-BAT754 Datasheet
47Kb / 8P
   Schottky barrier double diodes
1999 Aug 05
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Apr 26
logo
Guangdong Kexin Industr...
BAT854W KEXIN-BAT854W Datasheet
46Kb / 1P
   Schottky barrier (double) diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com