Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA124TKA Datasheet(PDF) 3 Page - Rohm

Part # DTA124TKA
Description  Digital transistors (built in resistor)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA124TKA Datasheet(HTML) 3 Page - Rohm

  DTA124TKA Datasheet HTML 1Page - Rohm DTA124TKA Datasheet HTML 2Page - Rohm DTA124TKA Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Appendix
Appendix1-Rev1.0
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document use silicon as a basic material.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


Similar Part No. - DTA124TKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA124TKA ROHM-DTA124TKA Datasheet
122Kb / 2P
   Digital transistors (built in resistor)
DTA124TKA ROHM-DTA124TKA Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124TKAFRA ROHM-DTA124TKAFRA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor
More results

Similar Description - DTA124TKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC614T ROHM-DTC614T Datasheet
66Kb / 3P
   Digital transistors (built-in resistor)
DTA114TE ROHM-DTA114TE Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
DTB143TK ROHM-DTB143TK Datasheet
62Kb / 3P
   Digital transistors (built in resistor)
DTC115TH ROHM-DTC115TH Datasheet
59Kb / 2P
   Digital transistors (built in resistor)
DTD143TK ROHM-DTD143TK Datasheet
61Kb / 3P
   Digital transistors (built-in resistor)
DTC115GUA ROHM-DTC115GUA Datasheet
64Kb / 3P
   Digital transistors (built-in resistor)
DTB123YU ROHM-DTB123YU Datasheet
77Kb / 4P
   Digital transistors (built-in resistor)
DTC115TE ROHM-DTC115TE Datasheet
73Kb / 3P
   Digital transistors (built in resistor)
DTC614TUT106 ROHM-DTC614TUT106 Datasheet
59Kb / 3P
   Digital transistors (built-in resistor)
DTC643TU ROHM-DTC643TU Datasheet
83Kb / 3P
   Digital transistors (built-in resistor)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com