Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ILC556N Datasheet(PDF) 1 Page - Integral Corp.

Part No. ILC556N
Description  GENERAL PURPOSE DUAL TIMER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

   
 1 page
background image
ILC556N
1
GENERAL PURPOSE DUAL TIMER
ILC556N is designed to be used: as high-precision pulse oscillator with adjustable frequency
and on-off time ratio; for producing accurate time delays using
external resistors and capacitors; as a timer in domestic
appliances, in measuring equipment, computers; as functional
units in electronic instruments. The timer may be used as
oscillator producing accurate time delays and frequencies.
In astable mode the pulse width of each circuit is controlled by
one external resistor and capacitor. In monostable mode, when
used as oscillator, its own frequency of oscillation and on-off time
ratio are controlled by two external resistors and one capacitor.
Unlike bipolar timer, CONTROL VOLTAGE output does not
require any capacitor decoupling. TRIGGER, RESET inputs are
active as per low level. Output inverter provides sufficient drain
and source currents to control TTL-loads, and provides minimum
bias when controlling CMOS-loads. Input voltage levels are
compatible with standard CMOS levels.
• Output voltage levels are compatible with input levels of CMOS ICs.
• Supply current: not more than 600 µA.
• Supply voltage range: from 2.0 to 18V.
• Input current: 50, 100 pA at T=25 °С.
• Output current: 20 mA.
• Timing from microseconds to hours.
• Operates both in astable and monostable modes.
• Adjustable duty cycle.
• Temperature stability: 0.06%/°С.
• Latch current not less than 100 mA at T=70 °С.
• Allowed static potential value: not less than 2000V (HBM) and not less than 200 V (ММ).
1
14
TA = -20° to 70° C
Pin Configuration
ILC556N
DISCHARGE1
V
CC
01
02
03
04
05
06
07
08
09
10
11
12
13
14
THRESHOLD1
CONTROL
VOLTAGE1
RESET1
OUTPUT1
TRIGGER1
GND
TRIGGER2
OUTPUT2
RESET2
CONTROL
VOLTAGE2
THRESHOLD2
DISCHARGE2




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BC846BDW1T1Dual General Purpose Transistors 1 2 3 4 5 MoreON Semiconductor
BC847CDXV6T1Dual General Purpose Transistors 1 2 3 4 5 MoreON Semiconductor
FMS3General purpose dual transistors 1 Rohm
UMZ1NGeneral purpose transistor dual transistors 1 2 3 4 5 Rohm
EMD4General purpose dual digital transistors 1 2 3 4 5 Rohm
UMT2NGeneral purpose dual transistors 1 2 3 Rohm
UMA4NGeneral purpose dual digital transistors 1 2 3 Rohm
EMH1General purpose dual digital transistors 1 2 Rohm
IMH20General purpose dual digital transistors 1 2 3 4 Rohm

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl