Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ILC556N Datasheet(PDF) 4 Page - Integral Corp.

Part No. ILC556N
Description  GENERAL PURPOSE DUAL TIMER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

   
 4 page
background image
ILC556N
4
DC characteristics
Parameter
Symbol
Condition
Typical
Tempera
-
ture
RL, CL
VCC,
V
Min
Max
°С
Clock rise
and fall time, ns
tTHL, tTLH RL = 10 МОhm, CL = 10
pF
5.0
-
75
25
±10
-
150
-20, 70
Maximum oscillation
fMAX
Monostable mode
2.0-
500
25
±10
frequency, kHz
18.0
200
-20, 70
Initial frequency, %
5
Oscillation frequency
αf
RL = 1 - 100 kОhm,
5.0
0.02
-20, 70
temperature ratio,
%/°С
CL = 0.1 µF
10.0
0.03
15.0
0.06
Oscillation frequency
∆f
5.0
3
25
±10
instability, %/V
6
-20, 70
Block diagram
+
-
+
-
R
R
R
threshold
control
voltage
TRIGGER
ComparatorA
Comparator B
OUTPUT
DISCHARGE
RESET
Vcc
Trigger
Time diagram
t
THL
t
TLH
t
HL
TRIGGER
GND
V
CC
GND
V
CC
OUTPUT
0.9
0.1
0.1
0.9
0.9
0.1




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BC846BDW1T1Dual General Purpose Transistors 1 2 3 4 5 MoreON Semiconductor
BC847CDXV6T1Dual General Purpose Transistors 1 2 3 4 5 MoreON Semiconductor
FMS3General purpose dual transistors 1 Rohm
UMZ1NGeneral purpose transistor dual transistors 1 2 3 4 5 Rohm
EMD4General purpose dual digital transistors 1 2 3 4 5 Rohm
UMT2NGeneral purpose dual transistors 1 2 3 Rohm
UMA4NGeneral purpose dual digital transistors 1 2 3 Rohm
EMH1General purpose dual digital transistors 1 2 Rohm
IMH20General purpose dual digital transistors 1 2 3 4 Rohm

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl